Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPQ Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # LPQ
Description  UP TO 75 WATTS Low profile, single board construction
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LPQ Datasheet(HTML) 2 Page - Wall Industries,Inc.

  LPQ Datasheet HTML 1Page - Wall Industries,Inc. LPQ Datasheet HTML 2Page - Wall Industries,Inc. LPQ Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UP TO 75 WATTS
LPQ SERIES
2
WWW
.WALLINDUSTRIES.COM
603 778 2300
IIn
np
pu
utt
O
Ou
uttp
pu
utt
O
Ou
uttp
pu
utt
M
Mo
od
de
ell
V
Vo
olltta
ag
ge
e
V
Vo
olltta
ag
ge
e
C
Cu
urrrre
en
ntt
N
Nu
um
mb
be
err
36-75
1.8
10A
LPQ48S1.8-18
2
10A
LPQ48S2-20
2.5
10A
LPQ48S2.5-25
3.3
10A
LPQ48S3.3-33
5
10A
LPQ48S5-50
1.8
15A
LPQ48S1.8-27
2
15A
LPQ48S2-30
2.5
15A
LPQ48S2.5-38
3.3
15A
LPQ48S3.3-50
5
15A
LPQ48S5-75
N
NO
OT
TEES
S::
1) For negative logic, Remote ON/OFF, add “R”
suffix
2) For other input voltages, please contact the
factory at 1 (888) 597-WALL.
11/16/02



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com