Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPQ Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # LPQ
Description  UP TO 75 WATTS Low profile, single board construction
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LPQ Datasheet(HTML) 1 Page - Wall Industries,Inc.

  LPQ Datasheet HTML 1Page - Wall Industries,Inc. LPQ Datasheet HTML 2Page - Wall Industries,Inc. LPQ Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LPQ SERIES
UP TO 75 WATTS
WWW
.WALLINDUSTRIES.COM
1
603 778 2300
FEATURES
• Low profile, single board construction
• Very high efficiency
• Remote Sense
• Remote On/Off (negative or
positive logic)
• Output Voltage Adjustment (industry standard)
• Water Washable
• Constant Frequency
• Overcurrent/short circuit protection
• Low cost, high performance
• No load operation
• Input undervoltage lockout
• Thermal shutdown
• Overvoltage protection
• No external filtering required
• Startup into pre-biased load
THE LPQ SERIES FROM WALL INDUSTRIES
Using industry standard quarter brick pin-out, the LPQ
series is a single board construction low profile dc/dc con-
verter. Key features are very high efficiency and low cost.
This product offers great performance in networking, tele-
com, and industrial applications.
SPECIFICATIONS: LPQ SERIES
INPUT SPECIFICATIONS
GENERAL SPECIFICATIONS
Input Voltage Range..................................................36-75VDC
Efficiency...........................................................up to 92%
Input filter........................................................................Pi type
Isolation Voltage (input to output).........................1500VDC
UVLO..........................................................................33V Typ.
Isolation Resistance.........................................100MOhms
Logic Enable................................................positive or negative
Switching Frequency............................................350 KHz
OUTPUT SPECIFICATIONS
Output Current............................................................See table
ENVIRONMENTAL SPECIFICATIONS
Voltage Accuracy................................................................±1%
Line Regulation(LL-HL).......................................................0.1%
Operating Temperature........................-40°C to +125°C Tj
Load Regulation................................................................0.2%
Storage Temperature...............................-50°C to +125°C
Short Circuit Protection..............................................continuous
Humidity (non-condensing)..........................................95%
Ripple/Noise (20MHz BW)...........................................100mVpp
Thermal Shutdown.........................................115°C (PCB)
Transient Repsonse (25% load step)..............100 us (to 1% Vout)
Overvoltage Protection.......................................................125%
PHYSICAL SPECIFICATIONS
Output Trim.......................................................................±10%
Package size.....................................1.45” X 2.28” X 0.45”
Power Foldback..................................................130% rated Po
Weight..............................................................1.0 oz. typ.
Minimum Load Required....................................................None
Pinout....................................................Industry Standard
All specifications apply at 25°C ambient, unless otherwise noted.
Due to advances in technology, specifications subject to change without notice.
11/16/02


Similar Part No. - LPQ

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
LPQ110 ASTEC-LPQ110 Datasheet
81Kb / 2P
110 Watts
logo
Emerson Network Power
LPQ110 EMERSON-NETWORKPOWER-LPQ110 Datasheet
81Kb / 2P
Universal input
logo
Astec America, Inc
LPQ112 ASTEC-LPQ112 Datasheet
81Kb / 2P
110 Watts
logo
Emerson Network Power
LPQ112 EMERSON-NETWORKPOWER-LPQ112 Datasheet
81Kb / 2P
Universal input
logo
Astec America, Inc
LPQ113 ASTEC-LPQ113 Datasheet
81Kb / 2P
110 Watts
More results

Similar Description - LPQ

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AA60A-048L-033D025 ASTEC-AA60A-048L-033D025 Datasheet
596Kb / 2P
75 Watts
APA18T12-9 ASTEC-APA18T12-9 Datasheet
250Kb / 2P
75 Watts
APC18T12-9 ASTEC-APC18T12-9 Datasheet
433Kb / 2P
75 Watts
logo
Pasternack Enterprises,...
PE6805 PASTERNACK-PE6805 Datasheet
206Kb / 2P
2 Watts WR-75 RF Load Up To 15 GHz
PE6814 PASTERNACK-PE6814 Datasheet
207Kb / 2P
2 Watts Precision WR-75 RF Load Up To 15 GHz
PE6823 PASTERNACK-PE6823 Datasheet
207Kb / 2P
75 Watts WR-75 RF Load Up To 15 GHz
PE6827 PASTERNACK-PE6827 Datasheet
210Kb / 2P
75 Watts WR-28 Waveguide RF Load Up To 40 GHz
PE6828 PASTERNACK-PE6828 Datasheet
207Kb / 2P
75 Watts WR-34 RF Load Up To 33 GHz
PE6832 PASTERNACK-PE6832 Datasheet
210Kb / 2P
175 Watts WR-75 RF Load Up To 15 GHz
logo
Anaren Microwave
B0922N7575AHF ANAREN-B0922N7575AHF Datasheet
3Mb / 7P
Ultra Low Profile 0404 Balun 75 to 75 Balanced
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com