Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEUFC0J152S Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # EEUFC0J152S
Description  Aluminum Electrolytic Capacitors/FC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFC0J152S Datasheet(HTML) 8 Page - Panasonic Semiconductor

  EEUFC0J152S Datasheet HTML 1Page - Panasonic Semiconductor EEUFC0J152S Datasheet HTML 2Page - Panasonic Semiconductor EEUFC0J152S Datasheet HTML 3Page - Panasonic Semiconductor EEUFC0J152S Datasheet HTML 4Page - Panasonic Semiconductor EEUFC0J152S Datasheet HTML 5Page - Panasonic Semiconductor EEUFC0J152S Datasheet HTML 6Page - Panasonic Semiconductor EEUFC0J152S Datasheet HTML 7Page - Panasonic Semiconductor EEUFC0J152S Datasheet HTML 8Page - Panasonic Semiconductor EEUFC0J152S Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Aluminum Electrolytic Capacitors/FC
2700
16
35.5
3150
0.016
5000
0.80
7.5
EEUFC1V272L
100
35
18
31.5
3635
0.016
5000
0.80
7.5
EEUFC1V272
50
3300
18
35.5
3680
0.015
5000
0.80
7.5
EEUFC1V332
50
3900
18
40
3735
0.014
5000
0.80
7.5
EEUFC1V392
50
1.0
5
11
20
2.40
1000
0.50
2.0
5.0
2.5
EEUFC1H1R0( )
200
2000
2.2
5
11
45
1.30
1000
0.50
2.0
5.0
2.5
EEUFC1H2R2( )
200
2000
3.3 5
11
65
1.30
1000
0.50
2.0
5.0
2.5
EEUFC1H3R3( )
200
2000
4.7 5
11
95
1.30
1000
0.50
2.0
5.0
2.5
EEUFC1H4R7( )
200
2000
10
4
11
90
2.50
1000
0.45
1.5
5.0
2.5
EEUFC1H100( )
200
2000
5
11
125
1.30
1000
0.50
2.0
5.0
2.5
EEUFC1H100L( )
200
2000
12
5
11
135
1.30
1000
0.50
2.0
5.0
2.5
EEUFC1H120( )
200
2000
15
5
11
145
1.30
1000
0.50
2.0
5.0
2.5
EEUFC1H150( )
200
2000
18
5
11
155
1.30
1000
0.50
2.0
5.0
2.5
EEUFC1H180( )
200
2000
22
5
11
155
1.30
1000
0.50
2.0
5.0
2.5
EEUFC1H220( )
200
2000
27
5
15
215
0.90
1000
0.50
2.0
5.0
2.5
EEUFC1H270( )
200
2000
33
6.3
11.2
260
0.60
1000
0.50
2.5
5.0
2.5
EEUFC1H330( )
200
2000
39
6.3
11.2
260
0.60
1000
0.50
2.5
5.0
2.5
EEUFC1H390( )
200
2000
47
6.3
11.2
260
0.60
1000
0.50
2.5
5.0
2.5
EEUFC1H470( )
200
2000
56
6.3
15
360
0.40
1000
0.50
2.5
5.0
2.5
EEUFC1H560( )
200
2000
68
8
11.5
485
0.234
2000
0.60
3.5
5.0
EEUFC1H680( )
200
1000
82
8
11.5
485
0.234
2000
0.60
3.5
5.0
EEUFC1H820( )
200
1000
100
10
12.5
615
0.162
3000
0.60
5.0
5.0
EEUFC1H101( )
200
500
120
8
15
635
0.155
2000
0.60
3.5
5.0
EEUFC1H121L( )
200
1000
10
12.5
615
0.162
3000
0.60
5.0
5.0
EEUFC1H121( )
200
500
150
10
16
850
0.119
3000
0.6
5.0
5.0
EEUFC1H151( )
200
500
180
8
20
860
0.120
2000
0.60
3.5
5.0
EEUFC1H181L( )
200
1000
10
16
850
0.119
3000
0.60
5.0
5.0
EEUFC1H181( )
200
500
220
10
20
1030
0.090
3000
0.60
5.0
5.0
EEUFC1H221( )
200
500
12.5
15
1150
0.110
5000
0.60
5.0
5.0
EEUFC1H221S( )
200
500
270
10
25
1200
0.082
3000
0.60
5.0
5.0
EEUFC1H271( )
200
500
330
10
30
1610
0.060
3000
0.60
5.0
EEUFC1H331L
100
12.5
20
1480
0.063
5000
0.60
5.0
5.0
EEUFC1H331( )
200
500
390
12.5
20
1480
0.063
5000
0.60
5.0
5.0
EEUFC1H391( )
200
500
16
15
1610
0.080
5000
0.80
7.5
7.5
EEUFC1H391S( )
100
250
470
10
30
1610
0.060
3000
0.60
5.0
EEUFC1H471L
100
12.5
25
1832
0.050
5000
0.60
5.0
5.0
EEUFC1H471( )
200
500
560
12.5
25
1832
0.050
5000
0.60
5.0
5.0
EEUFC1H561( )
200
500
18
15
1900
0.068
5000
0.80
7.5
7.5
EEUFC1H561S( )
100
250
680
12.5
30
2215
0.040
5000
0.80
5.0
EEUFC1H681L
100
16
20
1835
0.048
5000
0.80
7.5
7.5
EEUFC1H681( )
100
250
820
12.5
35
2285
0.034
5000
0.80
5.0
EEUFC1H821L
100
18
20
2420
0.042
5000
0.80
7.5
7.5
EEUFC1H821( )
100
250
1000
12.5
40
2590
0.030
5000
0.80
5.0
EEUFC1H102L
100
16
25
2235
0.034
5000
0.80
7.5
7.5
EEUFC1H102( )
100
250
50
(mm) (mm)
(mm)
(pcs)
(pcs)
(µF)
(mm)
(mm)
(mm)
(mA)
(
Ω)
(V)
(hours)
I
Lead Space
Part No.
Specification
Dia.
Length
Taping
Case size
Cap.
(±20%)
Lead
Dia.
W.V.
Straight
Min.Packaging Q'ty
Standard Products
Taping
Taping
Ripple
current
(100kHz)
(+105
°C)
Lead Length
Straight
Leads
Imped-
ance
(100kHz)
(+20
°C)
When requesting taped product, please put the letter "B" or "H" between the "( )". Lead wire pitch B=5mm, 7.5mm. H=2.5mm.
❉B
❉H
Endur-
ance



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com