Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEUFC0J152S Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEUFC0J152S
Description  Aluminum Electrolytic Capacitors/FC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFC0J152S Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEUFC0J152S Datasheet HTML 1Page - Panasonic Semiconductor EEUFC0J152S Datasheet HTML 2Page - Panasonic Semiconductor EEUFC0J152S Datasheet HTML 3Page - Panasonic Semiconductor EEUFC0J152S Datasheet HTML 4Page - Panasonic Semiconductor EEUFC0J152S Datasheet HTML 5Page - Panasonic Semiconductor EEUFC0J152S Datasheet HTML 6Page - Panasonic Semiconductor EEUFC0J152S Datasheet HTML 7Page - Panasonic Semiconductor EEUFC0J152S Datasheet HTML 8Page - Panasonic Semiconductor EEUFC0J152S Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
W.V.(V.DC)
6.3 V to 35V
50V
63V
Impedance
Ω /100kHz
Ripple
Current
mA r.m.s.
/100 kHz
20
°C
-10
°C
20
°C
-10
°C
20
°C
-10
°C
Case size
(
φD×L)
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
4
5
6.3
4
5
5
6.3
6.3
8
8
8
10
10
10
10
10
12.5
12.5
12.5
12.5
12.5
12.5
16
16
16
16
16
16
18
18
18
18
18
18
7
7
7
11
11
15
11.2
15
11.5
15
20
12.5
16
20
25
30
15
20
25
30
35
40
15
20
25
31.5
35.5
40
15
20
25
31.5
35.5
40
2.00
0.95
0.45
1.30
0.80
0.50
0.35
0.25
0.117
0.085
0.065
0.090
0.068
0.052
0.045
0.035
0.065
0.038
0.030
0.025
0.022
0.018
0.043
0.029
0.022
0.018
0.016
0.015
0.038
0.028
0.020
0.016
0.015
0.014
5.00
2.40
1.20
2.60
1.60
1.00
0.700
0.500
0.234
0.170
0.130
0.180
0.136
0.104
0.090
0.070
0.130
0.076
0.060
0.050
0.044
0.036
0.086
0.058
0.044
0.036
0.032
0.030
0.076
0.056
0.040
0.032
0.030
0.028
65
120
200
120
175
235
290
400
555
730
995
765
1050
1220
1440
1815
1205
1655
1945
2310
2510
2655
1690
2205
2555
3010
3150
3360
2000
2490
2740
3635
3680
3735
-
-
-
2.50
2.4
❉1
1.3
❉2
0.90
0.60
0.40
0.234
0.155
0.120
0.160
0.119
0.090
0.082
0.060
0.110
0.063
0.050
0.040
0.034
0.030
0.080
0.048
0.034
0.028
0.025
0.023
0.068
0.042
0.029
0.025
0.023
-
-
-
-
5.00
4.8
❉1
2.6
❉2
1.80
1.20
0.80
0.468
0.310
0.240
0.324
0.238
0.180
0.164
0.120
0.220
0.126
0.100
0.080
0.068
0.060
0.160
0.096
0.068
0.056
0.050
0.046
0.136
0.084
0.058
0.050
0.046
-
-
-
-
90
❉3
❉3
215
260
360
485
635
860
615
850
1030
1200
1610
1150
1480
1832
2215
2285
2590
1610
1835
2235
2700
2790
2845
1900
2420
2610
3000
3100
-
-
-
-
3.50
2.00
1.30
1.00
0.70
0.342
0.230
0.178
0.256
0.194
0.147
0.130
0.090
0.150
0.085
0.070
0.055
0.047
0.042
0.090
0.059
0.050
0.043
0.036
0.030
0.086
0.055
0.043
0.032
0.030
0.025
-
-
-
7.00
4.00
2.60
2.00
1.40
0.684
0.460
0.356
0.512
0.368
0.294
0.260
0.180
0.300
0.170
0.140
0.110
0.094
0.084
0.180
0.118
0.100
0.080
0.072
0.060
0.172
0.110
0.086
0.064
0.060
0.050
-
-
-
80
145
200
240
330
405
535
690
535
600
885
1050
1300
1020
1285
1720
2090
2265
2560
1410
1765
2160
2670
2770
2825
1690
2290
2585
2950
3095
3205
❉1; Apply to 1µF
❉2; Apply to 2.2, 3.3, 4.7, 10L, 12, 18, and 22µF
❉3
Case size
φ D×L (mm)
Capacitance
(µF)
Impedance
Ω/100kHz
20
°C
-10
°C
Ripple Current
mA r.m.s
/100 kHz
5
×11
1.0
2.2
3.3
4.7
10L
12
15
18
22
2.40
1.30
1.30
1.30
1.30
1.30
1.30
1.30
1.30
4.80
2.60
2.60
2.60
2.60
2.60
2.60
2.60
2.60
20
45
65
95
125
135
145
155
155
Case size/ Impedance/ Ripple Current
Impedance
Ω /100kHz
Ripple
Current
mA r.m.s.
/100 kHz
Impedance
Ω /100kHz
Ripple
Current
mA r.m.s.
/100 kHz
Aluminum Electrolytic Capacitors/FC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com