Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST207EB Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST207EB
Description  ± 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST207EB Datasheet(HTML) 2 Page - STMicroelectronics

  ST207EB Datasheet HTML 1Page - STMicroelectronics ST207EB Datasheet HTML 2Page - STMicroelectronics ST207EB Datasheet HTML 3Page - STMicroelectronics ST207EB Datasheet HTML 4Page - STMicroelectronics ST207EB Datasheet HTML 5Page - STMicroelectronics ST207EB Datasheet HTML 6Page - STMicroelectronics ST207EB Datasheet HTML 7Page - STMicroelectronics ST207EB Datasheet HTML 8Page - STMicroelectronics ST207EB Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PIN CONFIGURATION
PIN DESCRIPTION
PIN No
SYMBOL
NAME AND F UNCTION
1T3OUT
RS-232 Driver Output
2T1OUT
RS-232 Driver Output
3T2OUT
RS-232 Driver Output
4R1IN
RS-232 Receiver Input
5R1OUT
TTL/CMOS Receiver Outputs. All The Receivers Are Inactive In Sutdown
6T2IN
TTL/CMOS Driver Inputs. Internal Pull-up to VCC
7T1IN
TTL/CMOS Driver Inputs. Internal Pull-up to VCC
8
GND
Ground
9VCC
4.75V to 5.25V Supply Voltage
10
C1+
Terminal For Positive Charge-pump Capacitor
11
V+
2VCC Generated By The Charge Pump
12
C1-
Terminal For Positive Charge-pump Capacitor
13
C2+
Terminal For Negative Charge-pump Capacitor
14
C2+
Terminal For Negative Charge-pump Capacitor
15
V-
-2VCC Generated By The Charge Pump
16
R3IN
RS-232 Receiver Input
17
R3OUT
TTL/CMOS Receiver Outputs. All The Receivers Are Inactive In Sutdown
18
T3IN
TTL/CMOS Driver Inputs. Internal Pull-up to VCC
19
T4IN
TTL/CMOS Driver Inputs. Internal Pull-up to VCC
20
T5OUT
RS-232 Driver Output
21
T5IN
TTL/CMOS Driver Inputs. Internal Pull-up to VCC
22
R2OUT
TTL/CMOS Receiver Outputs. All The Receivers Are Inactive In Sutdown
23
R2IN
RS-232 Receiver Input
ST207E
2/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com