Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST207EB Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST207EB
Description  ± 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST207EB Datasheet(HTML) 4 Page - STMicroelectronics

  ST207EB Datasheet HTML 1Page - STMicroelectronics ST207EB Datasheet HTML 2Page - STMicroelectronics ST207EB Datasheet HTML 3Page - STMicroelectronics ST207EB Datasheet HTML 4Page - STMicroelectronics ST207EB Datasheet HTML 5Page - STMicroelectronics ST207EB Datasheet HTML 6Page - STMicroelectronics ST207EB Datasheet HTML 7Page - STMicroelectronics ST207EB Datasheet HTML 8Page - STMicroelectronics ST207EB Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TRANSMITTER ELECTRICAL CHARACTERISTICS (C1 -C4 = 0.1
µF, VCC =5V ± 5% TA = Min to
Max, unless otherwise specified. Typical Valus are referred to TA =25
oC)
Symb ol
Parameter
T est Con ditio ns
Value
Un it
Min.
T yp.
Max.
VTOUT
Output Voltage Swing
All drivers loaded with 3K
Ω to GND
±5
±8.5
V
ROUT
Transmitter Output Resistance VCC =V+= V- = 0V
VOUT =
± 2 V
300
ISC
Transmitter Output Short
Circuit Current
±18
±60
mA
IIL
Input Pull-Up Current
TIN = 0 V
15
200
µA
VTIL
Input Logic Threshold Low
0.8
V
VTIH
Input Logic Threshold High
2
V
TIMING CHARACTERISTICS (C1 -C4 = 0.1
µF, VCC =5V ± 5% TA = Min to Max, unless otherwise
specified. Typical Valus are referred to TA =25
oC)
Symb ol
Parameter
T est Con ditio ns
Value
Un it
Min.
T yp.
Max.
DR
Maximum Data Rate
RL =3K
Ω to 7 KΩ,
CL = 50pF to 1000pF
one transmitter switching
120
kbps
tPLHR
tPHLR
Receiver Propagation Delay
All drivers loaded with 3K
Ω to GND
0.2
10
µs
tPLHT
tPHLT
Transmitter Propagation Delay RL =3K
Ω,CL = 2500pF
all transmitters loaded
2
µs
SR
Transition-Region Slew Rate
TA =25
oCVCC =5V
RL =3K
Ω to 7 KΩ,
CL = 50pF to 1000pF
measure from -3V to 3V or 3V to -3V
3
7
30
V/
µs
ST207E
4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com