Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST24LC21B Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST24LC21B
Description  1 Kbit x8 Dual Mode Serial EEPROM for VESA PLUG & PLAY
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST24LC21B Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST24LC21B Datasheet HTML 9Page - STMicroelectronics ST24LC21B Datasheet HTML 10Page - STMicroelectronics ST24LC21B Datasheet HTML 11Page - STMicroelectronics ST24LC21B Datasheet HTML 12Page - STMicroelectronics ST24LC21B Datasheet HTML 13Page - STMicroelectronics ST24LC21B Datasheet HTML 14Page - STMicroelectronics ST24LC21B Datasheet HTML 15Page - STMicroelectronics ST24LC21B Datasheet HTML 16Page - STMicroelectronics ST24LC21B Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
AI00825
0.8VCC
0.2VCC
0.7VCC
0.3VCC
Figure 8. AC Testing Input Output Waveforms
SCL
SDA
SCL
SDA
SDA
START
CONDITION
SDA
INPUT
SDA
CHANGE
AI00792
STOP
CONDITION
1
23
7
89
MSB
ACK
START
CONDITION
SCL
1
23
7
89
MSB
ACK
STOP
CONDITION
Figure 9. I2C Bus Protocol
Input Rise and Fall Times
≤ 50ns
Input Pulse Voltages SDA, SCL
0.2VCC to 0.8VCC
Input Pulse Voltages VCLK
0.4V to 2.4V
Input and Output Timing Ref.
Voltages
0.3VCC to 0.7VCC
Table 10. AC Measurement Conditions
13/22
ST24LC21B, ST24LW21, ST24FC21, ST24FC21B, ST24FW21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com