Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST24LC21B Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST24LC21B
Description  1 Kbit x8 Dual Mode Serial EEPROM for VESA PLUG & PLAY
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST24LC21B Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST24LC21B Datasheet HTML 14Page - STMicroelectronics ST24LC21B Datasheet HTML 15Page - STMicroelectronics ST24LC21B Datasheet HTML 16Page - STMicroelectronics ST24LC21B Datasheet HTML 17Page - STMicroelectronics ST24LC21B Datasheet HTML 18Page - STMicroelectronics ST24LC21B Datasheet HTML 19Page - STMicroelectronics ST24LC21B Datasheet HTML 20Page - STMicroelectronics ST24LC21B Datasheet HTML 21Page - STMicroelectronics ST24LC21B Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
Family Range
ST24LC21B
VESA 1
WC on pin 7
ST24LW21
VESA 1
WC on pin 3
ST24FC21
VESA 2
WC on pin 7
Device Select=1010.xxx
ST24FC21B
VESA 2, 2.5V
WC on pin 7
Device Select=1010.000
ST24FW21
VESA 2
WC on pin 3
Package
B
PSDIP8
0.25mm Frame
M
SO8
150mil Width
Temperature Range
1
0 to 70
°C
6
–40 to 85
°C
Option
TR Tape & Reel
Packing
Example:
ST24LC21B
M
1
TR
ORDERING INFORMATION SCHEME
Devices are shipped from the factory with the memory content set at all "1’s" (FFh).
For a list of available options (Package, etc...) or for further information on any aspect of this device, please
contact the STMicroelectronics Sales Office nearest to you.
19/22
ST24LC21B, ST24LW21, ST24FC21, ST24FC21B, ST24FW21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com