Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3222 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST3222
Description  3 TO 3.6V, LOW POWER, UP TO 400KBPS, RS-232 DRIVERS AND RECEIVERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3222 Datasheet(HTML) 1 Page - STMicroelectronics

  ST3222 Datasheet HTML 1Page - STMicroelectronics ST3222 Datasheet HTML 2Page - STMicroelectronics ST3222 Datasheet HTML 3Page - STMicroelectronics ST3222 Datasheet HTML 4Page - STMicroelectronics ST3222 Datasheet HTML 5Page - STMicroelectronics ST3222 Datasheet HTML 6Page - STMicroelectronics ST3222 Datasheet HTML 7Page - STMicroelectronics ST3222 Datasheet HTML 8Page - STMicroelectronics ST3222 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
October 2002
s
300
µA SUPPLY CURRENT
s
250Kbps MINIMUM GUARENTEED DATA
RATE
s
6V/
µs MINIMUM GUARANTEED SLEW RATE
s
MEET EIA/TIA-232 SPECIFICATIONS DOWN
TO 3V
s
AVAILABLE INSO-18 ANDTSSOP20
DESCRIPTION
The ST3222 is a 3V powered EIA/TIA-232 and
V.28/V.24 communications interface with low
power
requirements
and
high
data-rate
capabilities. ST3222 has a proprietary low dropout
transmitter output stage providing true RS-232
performance from 3 to 3.6V power supplies. The
device requires only four small 0.1
µF standard
external capacitors for operating from 3V supply.
The ST3222 has two receivers and two drivers.
TheST3222features a 1
µA shutdown mode that
reduces power consumption and extends battery
life in portable systems. Its receivers can remain
active in shutdown mode, allowing external
devices such as modems to be monitored using
only 1
µA supply current.
The device is guaranteed to run at data rates of
250Kbps while maintaining RS-232 output levels.
Typical applications are Notebook, Subnotebook
and
Palmtop
Computers,
Battery
Powered
Equipment, Hand-Held Equipment, Peripherals
and Printers.
ORDERING CODES
Type
Temperature
Range
Package
Comments
ST3222CD
0 to 70 °C
SO-18 (Tube)
50parts per tube / 20tube per box
ST3222BD
-40 to 85 °C
SO-18 (Tube)
50parts per tube / 20tube per box
ST3222CDR
0 to 70 °C
SO-18 (Tape & Reel)
1000 parts per reel
ST3222BDR
-40 to 85 °C
SO-18 (Tape & Reel)
1000 parts per reel
ST3222CTR
0 to 70 °C
TSSOP20 (Tape & Reel)
2500 parts per reel
ST3222BTR
-40 to 85 °C
TSSOP20 (Tape & Reel)
2500 parts per reel
ST3222
3 TO 3.6V, LOW POWER, UP TO 400KBPS,
RS-232 DRIVERS AND RECEIVERS
SOP
TSSOP


Similar Part No. - ST3222

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3222B STMICROELECTRONICS-ST3222B Datasheet
616Kb / 13P
3 to 3.6 V, low power, up to 400 kbps RS-232 drivers and receivers
21-Jan-2008
ST3222BTR STMICROELECTRONICS-ST3222BTR Datasheet
616Kb / 13P
3 to 3.6 V, low power, up to 400 kbps RS-232 drivers and receivers
21-Jan-2008
ST3222C STMICROELECTRONICS-ST3222C Datasheet
616Kb / 13P
3 to 3.6 V, low power, up to 400 kbps RS-232 drivers and receivers
21-Jan-2008
ST3222CTR STMICROELECTRONICS-ST3222CTR Datasheet
616Kb / 13P
3 to 3.6 V, low power, up to 400 kbps RS-232 drivers and receivers
21-Jan-2008
ST3222E STMICROELECTRONICS-ST3222E Datasheet
198Kb / 10P
±15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 DRIVERS AND RECEIVERS
Mar-2003
More results

Similar Description - ST3222

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3222E STMICROELECTRONICS-ST3222E Datasheet
198Kb / 10P
±15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 DRIVERS AND RECEIVERS
Mar-2003
ST3232 STMICROELECTRONICS-ST3232 Datasheet
312Kb / 19P
3 TO 5.5V, LOW POWER, UP TO 400KBPS, RS-232 DRIVERS AND RECEIVERS
25-Oct-2006
ST3232E STMICROELECTRONICS-ST3232E Datasheet
426Kb / 16P
±15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 DRIVERS AND RECEIVERS
April 2003
logo
Texas Instruments
SN75LP1185 TI-SN75LP1185 Datasheet
117Kb / 8P
LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP196 TI-SN75LP196 Datasheet
104Kb / 8P
LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST3222E STMICROELECTRONICS-ST3222E_06 Datasheet
520Kb / 18P
짹 15KV ESD-protected, 3 to 5.5V Low power, up to 250KBps, RS-232 drivers and receivers
22-Mar-2006
ST3232E STMICROELECTRONICS-ST3232E_06 Datasheet
382Kb / 20P
±15kV ESD-Protection, 3 to 5.5V, low power, up to 250KBPS, RS-232 drivers and receivers
06-Sep-2006
ST3222B STMICROELECTRONICS-ST3222B Datasheet
616Kb / 13P
3 to 3.6 V, low power, up to 400 kbps RS-232 drivers and receivers
21-Jan-2008
ST3232B STMICROELECTRONICS-ST3232B_08 Datasheet
760Kb / 18P
3 to 5.5 V, low power, up to 400 kbps RS-232 drivers and receivers
08-Feb-2008
logo
Texas Instruments
SN75LP1185 TI1-SN75LP1185_16 Datasheet
1Mb / 17P
LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com