Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3222 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST3222
Description  3 TO 3.6V, LOW POWER, UP TO 400KBPS, RS-232 DRIVERS AND RECEIVERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3222 Datasheet(HTML) 4 Page - STMicroelectronics

  ST3222 Datasheet HTML 1Page - STMicroelectronics ST3222 Datasheet HTML 2Page - STMicroelectronics ST3222 Datasheet HTML 3Page - STMicroelectronics ST3222 Datasheet HTML 4Page - STMicroelectronics ST3222 Datasheet HTML 5Page - STMicroelectronics ST3222 Datasheet HTML 6Page - STMicroelectronics ST3222 Datasheet HTML 7Page - STMicroelectronics ST3222 Datasheet HTML 8Page - STMicroelectronics ST3222 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ST3222
4/9
RECEIVER ELECTRICAL CHARACTERISTICS
(C1 -C4 =0.1µFVCC =3V to3.6V, TA = -40 to 85°C, unless otherwise specified.
Typical values are referred to TA =25°C)
TIMING CHARACTERISTICS
(C1 -C4 =0.1µF, VCC =3V to3.6V, TA = -40 to 85°C, unless otherwise specified.
Typical values are referred to TA =25°C)
Transmitter Skew is measured at the transmitter zero cross points
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IOL
Output Leakage Current
R-OUT, EN =VCC, Receiver Disabled
± 0.05
± 10
µA
VRIN
Receiver Input Voltage
Operating Range
-25
25
V
VRIL
Input Threshold Low
TA = 25°C
VCC = 3.3V
0.6
1.2
V
VRIH
Input Threshold High
TA = 25°C
VCC = 3.3V
1.5
2.4
V
VRIHYS Input Hysteresis
0.5
V
RRIN
Input Resistance
TA = 25°C
3
5
7
K
VROL
TTL/CMOS Output Voltage
Low
IOUT = 1.6mA
0.4
V
VROH
TTL/CMOS Output Voltage
High
IOUT = -1mA
VCC-0.6 VCC-0.1
V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
DR
Data Transfer Rate
RL =3KΩ
CL2= 1000pF
one trasmitter switching
240
400
Kbps
tPHLR
tPLHR
Propagation Delay Input to
Output
RXIN to RXOUT
CL = 150pF
0.2
µs
|tPHLT
-tTHL|
Transmitter Propagation
Delay Difference
(Note 1)
100
ns
tOER
Receiver Output Enable
Time
Normal Operation
200
ns
tODR
Receiver Output Disable
Time
Normal Operation
200
ns
|tPHLR
-tTHR|
Receiver Propagation Delay
Difference
50
ns
SRT
Trnasition Slew Rate
TA = 25°C RL =3KΩ to 7KΩ VCC = 3.3V
measured from +3V to -3V or -3V to +3V
CL = 150pF to 1000pF
CL = 150pF to 2500pF
6
4
30
30
V/
µs
V/
µs



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com