Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3232E Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST3232E
Description  ±15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 DRIVERS AND RECEIVERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3232E Datasheet(HTML) 3 Page - STMicroelectronics

  ST3232E Datasheet HTML 1Page - STMicroelectronics ST3232E Datasheet HTML 2Page - STMicroelectronics ST3232E Datasheet HTML 3Page - STMicroelectronics ST3232E Datasheet HTML 4Page - STMicroelectronics ST3232E Datasheet HTML 5Page - STMicroelectronics ST3232E Datasheet HTML 6Page - STMicroelectronics ST3232E Datasheet HTML 7Page - STMicroelectronics ST3232E Datasheet HTML 8Page - STMicroelectronics ST3232E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ST3232E
3/16
ESD PERFORMANCE: TRANSMITTER OUTPUTS, RECEIVER INPUTS
ELECTRICAL CHARACTERISTICS
(C1 - C4 = 0.1µF, VCC = 3V to 5.5V, TA = -40 to 85°C, unless otherwise specified.
Typical values are referred to TA = 25°C)
LOGIC INPUT ELECTRICAL CHARACTERISTICS
(C1 - C4 = 0.1µF, VCC = 3V to 5.5V, TA = -40 to 85°C, unless otherwise specified.
Typical values are referred to TA = 25°C)
TRANSMITTER ELECTRICAL CHARACTERISTICS
(C1 - C4 = 0.1µF tested at VCC = 3V to 5.5V, TA = -40 to 85°C, unless otherwise specified.
Typical values are referred to TA = 25°C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ESD
ESD Protection Voltage
Human Body Model
±15
kV
ESD
ESD Protection Voltage
IEC-1000-4-2
±8kV
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISUPPLY VCC Power Supply Current No Load
VCC = 3V or 5V
TA = 25°C
0.3
1
mA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VTIL
Input Logic Threshold Low
T-IN
0.8
V
VHYS
Transmitter Input
Histeresys
0.25
V
VTIH
Input Logic Threshold High
VCC = 3.3V
2
V
VCC = 5V
2.4
IIL
Input Leakage Current
T-IN
± 0.01
± 1
µA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VTOUT Output Voltage Swing
All Transmitter outputs are loaded with
3K
Ω to GND
± 5
± 5.4
V
RTOUT Transmitter Output
Resistance
VCC = V+ = V- = 0V
VOUT = ± 2V
300
10M
ITSC
Output Short Circuit
Current
± 60
mA
ITOL
Output Leakage Current
VCC = 0V or 3V to 5.5V VOUT = ± 12V
Transmitters Disable
± 25
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com