Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3232E Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST3232E
Description  ±15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 DRIVERS AND RECEIVERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3232E Datasheet(HTML) 4 Page - STMicroelectronics

  ST3232E Datasheet HTML 1Page - STMicroelectronics ST3232E Datasheet HTML 2Page - STMicroelectronics ST3232E Datasheet HTML 3Page - STMicroelectronics ST3232E Datasheet HTML 4Page - STMicroelectronics ST3232E Datasheet HTML 5Page - STMicroelectronics ST3232E Datasheet HTML 6Page - STMicroelectronics ST3232E Datasheet HTML 7Page - STMicroelectronics ST3232E Datasheet HTML 8Page - STMicroelectronics ST3232E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ST3232E
4/16
RECEIVER ELECTRICAL CHARACTERISTICS
(C1 - C4 = 0.1µF tested at VCC = 3V to 5.5V, TA = -40 to 85°C, unless otherwise specified.
Typical values are referred to TA = 25°C)
TIMING CHARACTERISTICS
(C1 - C4 = 0.1µF, VCC = 3V to 5.5V, TA = -40 to 85°C, unless otherwise specified.
Typical values are referred to TA = 25°C)
Transmitter Skew is measured at the transmitter zero cross points
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VRIN
Receiver Input Voltage
Operating Range
-25
25
V
VRIL
RS-232 Input Threshold
Low
TA = 25°C
VCC = 3.3V
0.6
1.1
V
TA = 25°C
VCC = 5V
0.8
1.5
VRIH
RS-232 Input Threshold
High
TA = 25°C
VCC = 3.3V
1.4
2.4
V
TA = 25°C
VCC = 5V
1.8
2.4
VRIHYS Input Hysteresis
0.5
V
RRIN
Input Resistance
TA = 25°C
3
5
7
K
Ω
VROL
TTL/CMOS Output Voltage
Low
IOUT = 1.6mA
0.4
V
VROH
TTL/CMOS Output Voltage
High
IOUT = -1mA
VCC-0.6 VCC-0.1
V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
DR
Data Transfer Rate
RL = 3KΩ
CL2= 1000pF
one trasmitter switching
250
Kbps
tPHLR
tPLHR
Propagation Delay Input to
Output
RXIN = RXOUT
CL = 150pF
0.15
µs
tOER
Receiver Output Enable
Time
Normal Operation
50
ns
tODR
Receiver Output Disable
Time
Normal Operation
50
ns
|tPHLT
- tTHL|
Transmitter Propagation
Delay Difference
(Note 1)
200
ns
|tPHLR
- tTHR|
Receiver Propagation Delay
Difference
50
ns
SRT
Trnasition Slew Rate
TA = 25°C RL = 3KΩ to 7KΩ VCC = 3.3V
measured from +3V to -3V or -3V to +3V
CL = 150pF to 1000pF
CL = 150pF to 2500pF
6
4
30
30
V/
µs
V/
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com