Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST232EN Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST232EN
Description  ± 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST232EN Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST232EN Datasheet HTML 4Page - STMicroelectronics ST232EN Datasheet HTML 5Page - STMicroelectronics ST232EN Datasheet HTML 6Page - STMicroelectronics ST232EN Datasheet HTML 7Page - STMicroelectronics ST232EN Datasheet HTML 8Page - STMicroelectronics ST232EN Datasheet HTML 9Page - STMicroelectronics ST232EN Datasheet HTML 10Page - STMicroelectronics ST232EN Datasheet HTML 11Page - STMicroelectronics ST232EN Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.65
0.104
a1
0.1
0.2
0.004
0.008
a2
2.45
0.096
b
0.35
0.49
0.014
0.019
b1
0.23
0.32
0.009
0.012
C
0.5
0.020
c1
45 (typ.)
D
10.1
10.5
0.397
0.413
E
10.0
10.65
0.3.93
0.419
e
1.27
0.050
e3
8.89
0.350
F
7.4
7.6
0.291
0.300
L
0.5
1.27
0.020
0.050
M
0.75
0.029
S
8 (max.)
P013I
SO16L MECHANICAL DATA
ST202E/ST232E
10/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com