Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST232EN Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST232EN
Description  ± 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST232EN Datasheet(HTML) 4 Page - STMicroelectronics

  ST232EN Datasheet HTML 1Page - STMicroelectronics ST232EN Datasheet HTML 2Page - STMicroelectronics ST232EN Datasheet HTML 3Page - STMicroelectronics ST232EN Datasheet HTML 4Page - STMicroelectronics ST232EN Datasheet HTML 5Page - STMicroelectronics ST232EN Datasheet HTML 6Page - STMicroelectronics ST232EN Datasheet HTML 7Page - STMicroelectronics ST232EN Datasheet HTML 8Page - STMicroelectronics ST232EN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
RECEIVER ELECTRICAL CHARACTERISTICS
(C1 -C4 = 0.1
µF for ST202E, C1 -C4 =1µF for ST232E, VCC =5V ± 10%, TA = -40 to 85 oC,
unless otherwise specified. Typical Valus are referred to TA =25
oC)
Symb ol
Parameter
T est Con ditio ns
Value
Un it
Min.
T yp.
Max.
VRIN
Receiver Input Voltage
Operating Range
-30
30
V
RRIN
RS-232 Input Resistance
TA =25
oC, V
CC = 5 V
357
K
Ω
VRIL
RS-232 Input Logic Threshold
Low
TA =25
oC, VCC = 5 V
0.8
1.2
V
VRIH
RS-232 Input Logic Threshold
High
TA =25
oC, V
CC = 5 V
1.7
2.4
V
VRIHYS
RS-232 Input Hysteresis
VCC = 5 V
0.2
0.5
1
V
VROL
TTL/CMOS Output Voltage
Low
IOUT = 3.2mA
0.4
V
VROH
TTL/CMOS Output Voltage
High
IOUT = -1mA
3.5
VCC-0.4
V
tdR
Propagation Delay Time
CL=150pF
0.5
10
µs
ST202E/ST232E
4/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com