Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3384E Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST3384E
Description  ±15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 TRANSCEIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3384E Datasheet(HTML) 1 Page - STMicroelectronics

  ST3384E Datasheet HTML 1Page - STMicroelectronics ST3384E Datasheet HTML 2Page - STMicroelectronics ST3384E Datasheet HTML 3Page - STMicroelectronics ST3384E Datasheet HTML 4Page - STMicroelectronics ST3384E Datasheet HTML 5Page - STMicroelectronics ST3384E Datasheet HTML 6Page - STMicroelectronics ST3384E Datasheet HTML 7Page - STMicroelectronics ST3384E Datasheet HTML 8Page - STMicroelectronics ST3384E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
July 2003
s
ESD PROTECTIO FOR RS-232 I/O PINS
±15KV (HUMAN BODY MODEL)
s
LATCHUP FREE
s
1µA LOW POWER SHUTDOWN
s
300
µA SUPPLY CURRENT
s
250Kbps GUARENTEED DATA RATE
s
20
µs TYPICAL TIME TO EXIT SHUTDOWN
s
6V/µs GUARANTEED SLEW RATE
s
MEET EIA/TIA-232 SPECIFICATIONS DOWN
TO 3V
s
PACKAGES: SO-18 AND SSOP-20
DESCRIPTION
The ST3384E is a 3V powered EIA/TIA-232 and
V.28/V.24 communications interface with low
power requirements, high data-rate capabilities
and enhanced electrostatic discharge (ESD)
protection. All transmitter outputs and receiver
inputs are protected to ±15kV using the Human
Body Model. The ST3384E has a proprietary low
dropout transmitter output stage enabling true
RS-232 performance from 3 to 5.5V supplies with
a dual charge pump. The charge pump require
only four small 0.1µF external capacitors for
operation from a 3.3V supply.
The device is guaranteed to run at data rates of
250Kbps while maintaining RS-232 output levels.
The ST3384E has two receivers and two drivers. It
features a 1µA shutdown mode that reduces
power consumption and extends battery life in
portable systems.
Typical
applications
are
in
Notebook,
Sub-notebook, and Palmtop Computers, Battery
Powered
Equipment,
Hand-Held
Equipment,
Peripherals, Printers.
ORDERING CODES
Type
Temperature
Range
Package
Comments
ST3384ECD
0 to 70 °C
SO-18 (Tube)
50 parts per tube / 20 tube per box
ST3384EBD
-40 to 85 °C
SO-18 (Tube)
50 parts per tube / 20 tube per box
ST3384ECDR
0 to 70 °C
SO-18 (Tape & Reel)
1000 parts per reel
ST3384EBDR
-40 to 85 °C
SO-18 (Tape & Reel)
1000 parts per reel
ST3384ECPR
0 to 70 °C
SSOP20 (Tape & Reel)
1350 parts per reel
ST3384EBPR
-40 to 85 °C
SSOP20 (Tape & Reel)
1350 parts per reel
ST3384E
±15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER,
UP TO 250KBPS, RS-232 TRANSCEIVER
SO-18
SSOP20


Similar Part No. - ST3384E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST33 STMICROELECTRONICS-ST33 Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
logo
Vishay Siliconix
ST33-75T1KI VISHAY-ST33-75T1KI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST33-75T1MI VISHAY-ST33-75T1MI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST330-75T3KI VISHAY-ST330-75T3KI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST330-75T3MI VISHAY-ST330-75T3MI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
More results

Similar Description - ST3384E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83220E INTERSIL-ISL83220E Datasheet
267Kb / 11P
/-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
September 2001
logo
Maxim Integrated Produc...
MAX338 MAXIM-MAX338 Datasheet
182Kb / 12P
짹15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
19-1437; Rev 1; 10/99
MAX3384E MAXIM-MAX3384E Datasheet
221Kb / 11P
짹15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
19-1949; Rev 0; 1/01
logo
Intersil Corporation
ICL3207E INTERSIL-ICL3207E Datasheet
329Kb / 12P
/- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers
June 2004
logo
STMicroelectronics
ST3222E STMICROELECTRONICS-ST3222E_06 Datasheet
520Kb / 18P
짹 15KV ESD-protected, 3 to 5.5V Low power, up to 250KBps, RS-232 drivers and receivers
22-Mar-2006
logo
Maxim Integrated Produc...
MAX3221EEUE MAXIM-MAX3221EEUE Datasheet
1Mb / 19P
15,-15kV ESD-Protected, 1muA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers
Rev 7; 8/11
logo
Intersil Corporation
ICL3243ECAZ-T INTERSIL-ICL3243ECAZ-T Datasheet
699Kb / 33P
±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
February 22, 2010
ISL83220ECV INTERSIL-ISL83220ECV Datasheet
198Kb / 10P
±15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
April 27, 2006
RS-232 INTERSIL-RS-232 Datasheet
750Kb / 33P
±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
December 9, 2015
logo
Renesas Technology Corp
ICL3207E RENESAS-ICL3207E Datasheet
657Kb / 13P
/- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com