Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3384E Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST3384E
Description  ±15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 TRANSCEIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3384E Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST3384E Datasheet HTML 2Page - STMicroelectronics ST3384E Datasheet HTML 3Page - STMicroelectronics ST3384E Datasheet HTML 4Page - STMicroelectronics ST3384E Datasheet HTML 5Page - STMicroelectronics ST3384E Datasheet HTML 6Page - STMicroelectronics ST3384E Datasheet HTML 7Page - STMicroelectronics ST3384E Datasheet HTML 8Page - STMicroelectronics ST3384E Datasheet HTML 9Page - STMicroelectronics ST3384E Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ST3384E
6/11
TYPICAL PERFORMANCE CHARACTERISTICS (unless otherwise specified Tj = 25°C)
Figure 1 : Loopback Test Result at 120 kbps
Figure 2 : Loopback Test Result at 250 kbps
Figure 3 : Transmitter Outputs Exiting Shutdown
or Powering Up
VCC = 3.3V, CI - C4=0.1µF
VCC = 3.3V, CI - C4=0.1µF
VCC =5 V, CI - C4=0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com