Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD4135F1-90U Datasheet(PDF) 23 Page - STMicroelectronics

Part # PSD4135F1-90U
Description  Flash In-System-Programmable Peripherals for 16-Bit MCUs
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4135F1-90U Datasheet(HTML) 23 Page - STMicroelectronics

Back Button PSD4135F1-90U Datasheet HTML 19Page - STMicroelectronics PSD4135F1-90U Datasheet HTML 20Page - STMicroelectronics PSD4135F1-90U Datasheet HTML 21Page - STMicroelectronics PSD4135F1-90U Datasheet HTML 22Page - STMicroelectronics PSD4135F1-90U Datasheet HTML 23Page - STMicroelectronics PSD4135F1-90U Datasheet HTML 24Page - STMicroelectronics PSD4135F1-90U Datasheet HTML 25Page - STMicroelectronics PSD4135F1-90U Datasheet HTML 26Page - STMicroelectronics PSD4135F1-90U Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 93 page
background image
PSD4000 Series
Preliminary Information
20
9.1.1.6 Programming Flash Memory
Flash memory must be erased prior to being programmed. The MCU may erase Flash
memory all at once or by-sector. Flash memory sector erases to all logic ones, and its bits
are programmed to logic zeros. Although erasing Flash memory occurs on a sector or chip
basis, programming Flash memory occurs on a word basis.
The PSD4000 main Flash and secondary Flash memories require the MCU to send an
instruction to program a word or perform an erase function (see Table 8).
Once the MCU issues a Flash memory program or erase instruction, it must check for the
status of completion. The embedded algorithms that are invoked inside the PSD4000
support several means to provide status to the MCU. Status may be checked using any of
three methods: Data Polling, Data Toggle, or the Ready/Busy output pin.
9.1.1.6.1 Data Polling
Polling on DQ7 (DQ15) is a method of checking whether a Program or Erase instruction is
in progress or has completed. Figure 3 shows the Data Polling algorithm.
When the MCU issues a programming instruction, the embedded algorithm within the
PSD4000 begins. The MCU then reads the location of the word to be programmed in Flash
to check status. Data bit DQ7 (DQ15) of this location becomes the compliment of data bit
7of the original data word to be programmed. The MCU continues to poll this location,
comparing DQ7 (DQ15) and monitoring the Error bit on DQ5 (DQ13). When the DQ7
(DQ15) matches data bit 7 of the original data, and the Error bit at DQ5 (DQ13) remains
‘0’, then the embedded algorithm is complete. If the Error bit at DQ5 is ‘1’, the MCU should
test DQ7 (DQ15) again since DQ7 (DQ15) may have changed simultaneously with DQ5
(DQ13) (see Figure 3).
The Error bit at DQ5 (DQ13) will be set if either an internal timeout occurred while the
embedded algorithm attempted to program the location or if the MCU attempted to
program a ‘1’ to a bit that was not erased (not erased is logic ‘0’).
It is suggested (as with all Flash memories) to read the location again after the embedded
programming algorithm has completed to compare the word that was written to Flash with
the word that was intended to be written.
When using the Data Polling method after an erase instruction, Figure 3 still applies.
However, DQ7 (DQ15) will be ‘0’ until the erase operation is complete. A ‘1’ on DQ5
(DQ13) will indicate a timeout failure of the erase operation, a ‘0’ indicates no error.
The MCU can read any location within the sector being erased to get DQ7 (DQ15) and
DQ5 (DQ13) .
PSDsoft generates ANSI C code functions which implement these Data Polling
algorithms.
The
PSD4000
Functional
Blocks
(cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com