| Electronic Components Datasheet Search |
|
PSD4135F1-90U Datasheet(PDF) 56 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD4135F1-90U Datasheet(HTML) 56 Page - STMicroelectronics |
|
56 / 93 page ![]() Preliminary Information PSD4000 Series 53 The PSD4000 Functional Blocks (cont.) 9.4.6 Port D – Functionality and Structure Port D has four I/O pins. See Figure 22. Port D can be configured to program one or more of the following functions: t MCU I/O Mode t PLD Input – direct input to PLD Port D pins can be configured in PSDsoft as input pins for other dedicated functions: t PD0 – ALE, as address strobe input t PD1 – CLKIN, as clock input to the PLD and APD counter t PD2 – CSI, as active low chip select input. A high input will disable the Flash/SRAM and CSIOP. t PD3 – WRH, as active low Write Enable (high byte) input or as DBE input from 68HC912 9.4.7 Port E – Functionality and Structure Port E can be configured to perform one or more of the following functions (see Figure 23): t MCU I/O Mode t In-System Programming – JTAG port can be enabled for programming/erase of the PSD4000 device. (See Section 9.6 for more information on JTAG programming.) Pins that are configured as JTAG pins in PSDsoft will not be available for other I/O functions. t Open Drain – Port E pins can be configured in Open Drain Mode t Battery Backup features – PE6 can be configured as a Battery Input (Vstby) pin. PE7 can be configured as a Battery On Indicator output pin, indicating when Vcc is less than Vbat. t Latched Address Output – Provided latched address (A7-0) output DATA OUT REG. DQ DQ WR WR READ MUX P D B PLD INPUT DIR REG. DATA IN OUTPUT SELECT OUTPUT MUX PORT D PIN DATA OUT Figure 22. Port D Structure |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |