Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST34C86 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST34C86
Description  CMOS QUAD 3-STATE DIFFERENTIAL LINE RECEIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST34C86 Datasheet(HTML) 1 Page - STMicroelectronics

  ST34C86 Datasheet HTML 1Page - STMicroelectronics ST34C86 Datasheet HTML 2Page - STMicroelectronics ST34C86 Datasheet HTML 3Page - STMicroelectronics ST34C86 Datasheet HTML 4Page - STMicroelectronics ST34C86 Datasheet HTML 5Page - STMicroelectronics ST34C86 Datasheet HTML 6Page - STMicroelectronics ST34C86 Datasheet HTML 7Page - STMicroelectronics ST34C86 Datasheet HTML 8Page - STMicroelectronics ST34C86 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
September 2002
s
SUPPLYVOLTAGE RANGE4.5VTO 5.5V
s
MINIMUM DIFFERENTIAL INPUT VOLTAGE
± 200mV
s
TYPICAL PROPAGATION DELAYS: 19ns
s
TYPICAL INPUT HYSTERESIS: 60mV
s
INPUT RESISTANCE 10K
Ω
s
OPEN INPUT FAIL SAFE FEATURE
s
OPERATING TEMPERATURE RANGE
-40°C TO 85°C
DESCRIPTION
The ST34C86 is a quad differential line receiver
designed to meet the RS-422, RS-423, and
Federal Standard 1020 and 1030 for balanced
and unbalanced digital data transmission, while
retaining the low power characteristics of CMOS.
The ST34C86 has an input sensivity of 200mV
over the common mode input voltage range of
±7V. Hysteresis is provided to improve noise
margin and discourage output instability for slowly
changing input waveforms. The ST34C86 internal
pull-up and pull-down resistors. prevent output
oscillation on unused channels. Separate enable
pins allow independent control of receiver pairs.
The 3-STATE outputs have 6mA source and sink
capability.
ORDERING CODES
Type
Temperature
Range
Package
Comments
ST34C86BN
-40 to 85 °C
DIP-16
25parts per tube / 40tube per box
ST34C86BD
-40 to 85 °C
SO-16 (Tube)
50parts per tube / 20tube per box
ST34C86BDR
-40 to 85 °C
SO-16 (Tape & Reel)
1000 parts per reel
ST34C86BTR
-40 to 85 °C
TSSOP-16 (Tape & Reel)
2500 parts per reel
ST34C86
CMOS QUAD 3-STATE
DIFFERENTIAL LINE RECEIVER
DIP
SOP
TSSOP


Similar Part No. - ST34C86

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST34C87 EXAR-ST34C87 Datasheet
72Kb / 8P
QUAD RS-422 CMOS Differential Line Driver
ST34C87CF16 EXAR-ST34C87CF16 Datasheet
72Kb / 8P
QUAD RS-422 CMOS Differential Line Driver
ST34C87CP16 EXAR-ST34C87CP16 Datasheet
72Kb / 8P
QUAD RS-422 CMOS Differential Line Driver
ST34C87IF16 EXAR-ST34C87IF16 Datasheet
72Kb / 8P
QUAD RS-422 CMOS Differential Line Driver
ST34C87IP16 EXAR-ST34C87IP16 Datasheet
72Kb / 8P
QUAD RS-422 CMOS Differential Line Driver
More results

Similar Description - ST34C86

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS34C86T NSC-DS34C86T Datasheet
196Kb / 8P
Quad CMOS Differential Line Receiver
logo
STMicroelectronics
ST26C32A STMICROELECTRONICS-ST26C32A Datasheet
173Kb / 15P
CMOS quad tri-state differential line receiver
02-May-2006
logo
Analog Devices
ADN4668 AD-ADN4668 Datasheet
306Kb / 12P
3 V LVDS Quad CMOS Differential Line Receiver
REV. 0
logo
STMicroelectronics
ST26C31B STMICROELECTRONICS-ST26C31B Datasheet
625Kb / 15P
CMOS quad 3-state differential line driver
12-Jun-2008
ST26C32AB STMICROELECTRONICS-ST26C32AB Datasheet
621Kb / 14P
CMOS quad 3-state differential line receiver
12-Jun-2008
logo
Analog Devices
ADN4666 AD-ADN4666 Datasheet
262Kb / 12P
3 V, LVDS, Quad CMOS Differential Line Receiver
REV. 0
ADN4668ARZ AD-ADN4668ARZ Datasheet
286Kb / 12P
3 V LVDS Quad CMOS Differential Line Receiver
REV. A
logo
Texas Instruments
DS90C032 TI1-DS90C032_16 Datasheet
864Kb / 18P
Quad CMOS Differential Line Receiver
logo
ARTSCHIP ELECTRONICS CO...
DS34C86T ARTSCHIP-DS34C86T Datasheet
215Kb / 6P
Quad CMOS Differential Line Receiver
logo
Analog Devices
ADN4668 AD-ADN4668_V01 Datasheet
286Kb / 12P
3 V LVDS Quad CMOS Differential Line Receiver
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com