Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST34C86 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST34C86
Description  CMOS QUAD 3-STATE DIFFERENTIAL LINE RECEIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST34C86 Datasheet(HTML) 2 Page - STMicroelectronics

  ST34C86 Datasheet HTML 1Page - STMicroelectronics ST34C86 Datasheet HTML 2Page - STMicroelectronics ST34C86 Datasheet HTML 3Page - STMicroelectronics ST34C86 Datasheet HTML 4Page - STMicroelectronics ST34C86 Datasheet HTML 5Page - STMicroelectronics ST34C86 Datasheet HTML 6Page - STMicroelectronics ST34C86 Datasheet HTML 7Page - STMicroelectronics ST34C86 Datasheet HTML 8Page - STMicroelectronics ST34C86 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ST34C86
2/10
PIN CONFIGURATION
TRUTH TABLE
X= Don’t Care; Z=High Impedance, * Open=Not terminated
PIN DESCRIPTION
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is
not implied.
Unless otherwise specified, all voltage are referenced to ground.
ESD Rating:HBM Inputs
≥ 2000V, All other pins ≥ 1000V, EIAJ (0Ω, 200pF) ≥ 350V
Enable
Input
Output
LX
Z
H
VID ≥ VTH (Max)
H
H
VID ≤ VTH (Min)
L
H
Open *
H
PlN N°
SYMBOL
NAME AND FUNCTION
1
AIN1
Input A1
2
AIN2
Input A2
3
AOUT
Channel A Output
4
ENA/C
Enable A/C
5
COUT
Channel C Output
6
CIN2
Input C2
7
CIN1
Input C1
8
GND
Ground
9
DIN1
Input D1
10
DIN2
Input D2
11
DOUT
Channel D Output
12
ENB/D
Enable B/D
13
BOUT
Channel B Output
14
BIN2
Input B2
15
BIN1
Input B1
16
VCC
Supply Voltage
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
7V
VCM
Input Common Mode Range
± 14
V
VDIFF
Differential Input Voltage
± 14
V
VIN
Enable Input Voltage
7V
IOUT
Current per Output
± 25
mA
Tstg
Storage Temperature Range
-65 to 150
°C
Top
Operating Junction Temperature Range
-40 to 85
°C
ESD
HBM (1.5K
Ω 100pF)
2000
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com