Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3917A Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST3917A
Description  SPEECH - TONE/PULSE DIALER - LED INDICATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3917A Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST3917A Datasheet HTML 3Page - STMicroelectronics ST3917A Datasheet HTML 4Page - STMicroelectronics ST3917A Datasheet HTML 5Page - STMicroelectronics ST3917A Datasheet HTML 6Page - STMicroelectronics ST3917A Datasheet HTML 7Page - STMicroelectronics ST3917A Datasheet HTML 8Page - STMicroelectronics ST3917A Datasheet HTML 9Page - STMicroelectronics ST3917A Datasheet HTML 10Page - STMicroelectronics ST3917A Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ZDTMF
DTMF Attenuation Pin Impedance
25
32
39
k
Ω
GRX
Receive gain (see Figure 11)
VINP = 4mVRMS,
RE = 300
Ω,RGRX=100kΩ
ILN = 15mA
ILN = 60mA
29.5
23.0
31.0
25.0
32.5
27.0
dB
dB
AGRX
Receive Gain Variation (see Figure 11)
VINP = 4mVRMS,
RE = 300
Ω,ILN = 15MA
RGRX = 10K
Ω
RGRX = 300k
Ω
-20
-20
+10
10
dB
dB
dB
DRX
Receive Distortion (see Figure 11)
ILN = 15mA, RGRX=100k
Ω
RE = 150
Ω,VEAR = 0.25VRMS
RE = 300
Ω,VEAR = 0.45VRMS
RE = 450
Ω,VEAR = 0.55VRMS
2
2
2
%
%
%
NRX
Receive Noise (see Figure 11)
ILN = 15mA, RE = 300
Ω
RGRX = 100k
Ω,VINP =0V
200
µV
ZOUT
Receive Output Impedance
(see Figure 11)
ILN = 15mA
35
Ω
VPT
Pacifier Tone Level on Earphone
(see Figure 11)
ILN = 15mA
RP =
∞
RP = 430k
Ω
60
600
mVRMS
mVRMS
TKD
FKS
KRU
KRD
Keyboard Interface
Keypad Debounce Time
Keypad Scan Frequency
Keypad Pullup Resistance
Keypad Pulldown Resistance
See Figures 4 and 5
32
250
100
500
ms
Hz
k
Ω
Ω
TRIS
TR
TPSD
TISD
TDUR
Tone Mode
Tone Output Rise Time
Tone Signalling Rate
Presignal Delay
Intersignal Delay
Tone Output Duration
See Figures 2 and 3
40
5.55
90
90
5ms
1/sec
ms
ms
ms
TPT
FPT
PR
TB
TM
IDP
PDP
Pulse Mode
Pacifier Tone Duration
Pacifier Tone Frequency
Pulse Rate
Break Time :
ST3917A
ST3917B
Make Time :
ST3917A
ST3917B
Interdigital Pause
Predigital Pause :
ST3917A
ST3917B
See Figures 4 and 5
75
500
10
60
67
40
33
820
50
43
ms
Hz
PPS
ms
ms
ms
ms
ms
ms
ms
Option Selectable
Symbol
Parameter
Option 1
SEL = VDD
Option 2
SEL = GND
Option 3
SEL = ROW
Option 4
SEL = COL
Unit
tFLASH
Timed Hook Flash (see Figures 2 and3)
100
600
300
100
ms
Notes : 1. All inputs unloaded. Quiescent mode (oscillator off).
2. Pulse output sink current for VOUT = 0.5V at VDD = 3V.
3. Pacifier tone sink current for VOUT = 0.5V, source current for VOUT = 2.5V at VDD = 3V.
4. Memory retention voltage is the point where memory is guaranteed but circuit operation is not. Proper memory retention is
guaranteed if either the minimum IMR is provided or the minimum VMR. The design does not have to provide both the minimum
current and voltage.
5. Option 1 is with softswitch inhibition.
ELECTRICAL CHARACTERISTICS (continued)
(ILN = 10mA to 120mA, f = 1kHz, Tamb =25
°C, VDD = 3V ; unless otherwise specified)
ST3917A - ST3917B
7/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com