Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3917A Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST3917A
Description  SPEECH - TONE/PULSE DIALER - LED INDICATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3917A Datasheet(HTML) 1 Page - STMicroelectronics

  ST3917A Datasheet HTML 1Page - STMicroelectronics ST3917A Datasheet HTML 2Page - STMicroelectronics ST3917A Datasheet HTML 3Page - STMicroelectronics ST3917A Datasheet HTML 4Page - STMicroelectronics ST3917A Datasheet HTML 5Page - STMicroelectronics ST3917A Datasheet HTML 6Page - STMicroelectronics ST3917A Datasheet HTML 7Page - STMicroelectronics ST3917A Datasheet HTML 8Page - STMicroelectronics ST3917A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
ST3917A
ST3917B
SPEECH - TONE/PULSE DIALER - LED INDICATOR
July 1996
SPEECH CIRCUIT
.
2 TO 4 WIRES CONVERSION
.
PRESENT THE PROPER DC PATH FOR THE LINE
CURRENT AND THE FLEXIBILITY TO ADJUST IT
AND ALLOWPARALLEL PHONE OPERATION
.
SYMMETRICAL HIGH IMPEDANCE MICRO-
PHONE INPUTS SUITABLE FOR DYNAMIC,
ELECTRET OR PIEZOELECTRIC TRANSDUCER
.
ASYMMETRICAL EARPHONE OUTPUT SUIT-
ABLE FOR DYNAMIC TRANSDUCER
.
LINE LOSS COMPENSATION FIXED INTER-
NALLY BY A.G.C.
.
INTERNAL MUTING TO DISABLE SPEECH
DURING DIALING AND EXTERNAL MUTING
TO DISABLE TRANSMIT AMPLIFIER DURING
CONVERSATION MODE
.
LED INDICATOR EITHER FOR KEYBOARD ILLU-
MINATION (OR ON-LINE INDICATION) DURING
DIALING AND CONVERSATION OR FOR TONE
MODE INDICATION, THROUGH MU/MFI PIN
DIALER CIRCUIT
.
STORE UP TO 32 DIGITS FOR LAST NUMBER
REDIAL BUFFER, LNR IS INHIBITED IF THERE
ARE MORE THAN 32 DIGITS STORED
.
ALLOWMIXED MODE DIALING IN PULSE MODE
.
PACIFIER TONE PROVIDES AUDIBLE INDI-
CATION OF VALID KEY PRESSED IN A BUZZ-
ER OR/AND IN THE EARPHONE
.
TIMED PABX PAUSE / 10PPS PULSE RATE
.
MAKE/BREAK RATIO : 40/60 (ST3917A) AND
33/67 (ST3917B)
.
4 SELECTABLE OPTIONS ON FLASH DURA-
TION AND SOFTSWITCH INHIBITION IN ONE
OF THE OPTION WITH 100ms FLASH TIMING
.
2 SELECTABLE OPTIONS : TRANSMIT MUTE
TOGETHER WITH LED FOR KEYBOARD ILLUMI-
NATION OR LED FOR TONE MODE INDICATION
.
CONTINUOUS TONE FOR EACH DIGIT UNTIL
KEY RELEASE
.
USES INEXPENSIVE 3.579545MHz CERAMIC
RESONATOR
.
POWERED FROM TELEPHONE LINE, LOW
OPERATING VOLTAGE FOR LONG LOOP AP-
PLICATION
DESCRIPTION
The device consists of the speech and the dialer func-
tions. It provides the DC line interface circuit that termi-
nates the telephone line, analog amplifier for speech
transmission and necessary signals for either DTMF
and pulse dialing. When mated with a tone ringer, a
complete telephonecan be producedwith just two ICs.
TheDC lineinterfacecircuit developsits ownlinevoltage
acrossthedeviceandit is adjustableby external resistor
to suit different country’s specification. A built-in LED
driver can deliver excess line current to external LED
indicator(s) during dialing and speech mode. The
LED(s) can be used either for keyboard illumination
purpose or for tone mode indication during softswitch
and mixed mode dialing by connecting MU/MFI pin to
VDDandGND or anyrow respectively.The LEDcurrent
is limited to 17mA (typical).
The speech network provides the two to four wires inter-
face,electronic switchingbetweendialingandspeechand
automaticgain control on transmit and receive.
The dialing network buffers up to 32 digits into the LND
memorythatcan be laterredialedwith asinglekeyinput.
Users can store all 13 signalling keys and access
several unique functions with single key entries. These
functions include : Pause, Last Number Dialled (LND),
Softswitch and Flash. (see Figure 1).
The FLASH key simulates a hookflash to transfercalls
or to activate other special features provided by the
PABX or central office.
The PAUSE key stores a timed pause in the number
sequence. Redial is then delayed until an outside line
can be accessed or some other activities occur before
normal signalling resumes. A LND key automatically
redials the last number dialed.
Adedicatedpin MU/MFI is used to select the muting for
transmit amplifier and lighted dial LED for keyboard
illumination or a LED indicator for tonemode indication.
The SEL pin allows selection of any one of the four
possible Flash duration options.
DIP28
(Plastic Package)
ORDER CODES :
ST3917AN - ST3917BN
SO28
(Plastic Package)
ORDER CODES :
ST3917AD - ST3917BD
1/16


Similar Part No. - ST3917A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST39 ETC-ST39 Datasheet
155Kb / 1P
DO-35 Case
logo
Vishay Siliconix
ST390-60T3KI VISHAY-ST390-60T3KI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST390-60T3MI VISHAY-ST390-60T3MI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
logo
Infinite Electronics In...
ST3923 FAIRVIEW-ST3923 Datasheet
516Kb / 3P
ST3923 DATA SHEET SMC Plug (Male) Termination (Load) 1 Watts To 10 GHz, 1.3 VSWR
REV 1.1B
logo
Coilcraft lnc.
ST394RAT13N_LZ COILCRAFT-ST394RAT13N_LZ Datasheet
451Kb / 2P
Air Core Inductors for Critical Applications
More results

Similar Description - ST3917A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS58006 SAMSUNG-KS58006 Datasheet
101Kb / 8P
TONE/PULSE DIALER WITH REDIAL
logo
UMC Corporation
UM91210C UMC-UM91210C Datasheet
877Kb / 14P
TONE/PULSE DIALER
UM91214 UMC-UM91214 Datasheet
817Kb / 13P
Tone / Pulse Dialer
logo
ELAN Microelectronics C...
HM91710A EMC-HM91710A Datasheet
131Kb / 19P
TONE/PULSE SWITCHABLE DIALER
logo
UMC Corporation
UM91270 UMC-UM91270 Datasheet
711Kb / 11P
20 MEMORY TONE/PULSE DIALER
logo
Holtek Semiconductor In...
HT93214 HOLTEK-HT93214 Datasheet
194Kb / 16P
1-memory Tone/Pulse Dialer
October 2, 2002
logo
ELAN Microelectronics C...
EM91710 EMC-EM91710 Datasheet
159Kb / 19P
TONE/PULSE SWITCHABLE DIALER
logo
Sharp Corporation
LR48061 SHARP-LR48061 Datasheet
598Kb / 10P
Pulse/Tone Dialer LSI
logo
List of Unclassifed Man...
NT91214 ETC1-NT91214 Datasheet
212Kb / 23P
Tone/Pulse Dialer
logo
Holtek Semiconductor In...
HT9320 HOLTEK-HT9320_02 Datasheet
369Kb / 29P
22-Memory Tone/Pulse Dialer
October 1, 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com