Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3L01 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST3L01
Description  TRIPLE VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3L01 Datasheet(HTML) 2 Page - STMicroelectronics

  ST3L01 Datasheet HTML 1Page - STMicroelectronics ST3L01 Datasheet HTML 2Page - STMicroelectronics ST3L01 Datasheet HTML 3Page - STMicroelectronics ST3L01 Datasheet HTML 4Page - STMicroelectronics ST3L01 Datasheet HTML 5Page - STMicroelectronics ST3L01 Datasheet HTML 6Page - STMicroelectronics ST3L01 Datasheet HTML 7Page - STMicroelectronics ST3L01 Datasheet HTML 8Page - STMicroelectronics ST3L01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ST3L01
2/12
ABSOLUTE MAXIMUM RATINGS
GENERAL OPERATING CONDITION
THERMAL DATA
CONNECTION DIAGRAM (top view)
PIN DESCRIPTION
ORDERING INFORMATION
(*) Available in Tape & Reel with the suffix "R"
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
18
V
VDD
ISupply Voltage
18
V
VESD
ESD Tolerance (Human Body Model)
4KV
Tstg
Storage Temperature Range
-65 to +150
°C
TJ
Operating Junction Temperature Range
0 to +150
°C
Symbol
Parameter
Value
Unit
VCC
VCC Supply Voltage
4.75 to 5.25
V
∆V
CC
VCC Ripple
±0.15
V
tr
Rise Time (10% to 90%) referred to VCC
1V
tf
Fall Time (90% to 10%) referred to VCC
1V
VDD
VDD Supply Voltage
10.8 to 13.2
V
∆V
DD
VDD Ripple
±0.3
V
tr
Rise Time (10% to 90%) referred to VDD
1V
tf
Fall Time (90% to 10%) referred to VDD
1V
TAl
Operating Ambient Temperature Range
0 to 70
µs
Symbol
Parameter
SPAK-7L
Unit
Rthj-case
Thermal Resistance Junction-case
2
°C/W
SPAK-7L
Pin N° Symbol
Name and Function
1
GND1,2 VO1 and VO2 regulators GND pin
2VO2
Second Output Pin: Bypass with a
0.1
µF capacitor to GND
3VCC
Input Pin: Bypass with a 0.1
µF
capacitor to GND
4GND3
VO3 regulators GND pin
5VO3
Third Output Pin: Bypass with a
0.1
µF capacitor to GND
6VDD
Input Pin: Bypass with a 0.1
µF
capacitor to GND
7VO1
First Output Pin: Bypass with a 0.1
µF
capacitor to GND
TYPE
SPAK (Power Flex
™) 7 leads (*)
ST3L01
ST3L01K7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com