Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3L01 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST3L01
Description  TRIPLE VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3L01 Datasheet(HTML) 1 Page - STMicroelectronics

  ST3L01 Datasheet HTML 1Page - STMicroelectronics ST3L01 Datasheet HTML 2Page - STMicroelectronics ST3L01 Datasheet HTML 3Page - STMicroelectronics ST3L01 Datasheet HTML 4Page - STMicroelectronics ST3L01 Datasheet HTML 5Page - STMicroelectronics ST3L01 Datasheet HTML 6Page - STMicroelectronics ST3L01 Datasheet HTML 7Page - STMicroelectronics ST3L01 Datasheet HTML 8Page - STMicroelectronics ST3L01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
March 2002
s
DUAL INPUT VOLTAGE (12V AND 5V)
s
TRIPLE OUTPUT VOLTAGE (2.6V, 3.3V, 8V)
s
2.6V GUARANTEED IOUT UP TO 1.2A
s
3.3V GUARANTEED IOUT UP TO 1.0A
s
8V GUARANTEED IOUT UP TO 200mA
s
THERMAL AND SHORT CIRCUIT
PROTECTION
s
GUARANTEED OPERATING
TEMPERATURE RANGE (0°C to 125°C)
DESCRIPTION
This device contains three voltage regulators, all
fixed output voltage, in one 7 pin surface mount
package. The first is a 2.6 V regulator to power the
integrated controller/µP. The second is a 3.3V
regulator to power the read channel chip, and
memory chips requiring 3.3V The last is an 8V
regulator to power the preamp chip. The bandgap
reference, the 8V ground, and the substrate are all
tied to a common ground pin, while the 2.6V and
3.3V ground is tied to a separate ground pin.This
grounding scheme allows for improved noise
isolation between the 8V regulator and the 2.6V
and 3.3V regulators.The 2.6V and 3.3V regulators
shall be respectively capable of 1.0A and 1.2A.
The 8V regulator shall be capable of 200mA.
It is housed in the SPAK (PowerFlex
™)
ST3L01
TRIPLE VOLTAGE REGULATOR
V2.6
SCHEMATIC DIAGRAM
SPAK-7L
(PowerFlex
™)


Similar Part No. - ST3L01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3L01 STMICROELECTRONICS-ST3L01 Datasheet
571Kb / 12P
TRIPLE VOLTAGE REGULATOR
Mar-2002
ST3L01K7R STMICROELECTRONICS-ST3L01K7R Datasheet
571Kb / 12P
TRIPLE VOLTAGE REGULATOR
Mar-2002
More results

Similar Description - ST3L01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3M01 STMICROELECTRONICS-ST3M01 Datasheet
287Kb / 11P
TRIPLE VOLTAGE REGULATOR
Nov-2000
logo
KEC(Korea Electronics)
KTC4520F KEC-KTC4520F Datasheet
375Kb / 3P
TRIPLE DIFFUSED NPN TRANSISTOR(SWITCHING REGULATOR, HIGH VOLTAGE, HIGH VOLTAGE SWITCHING)
logo
Infineon Technologies A...
TLE4471 INFINEON-TLE4471 Datasheet
217Kb / 26P
Triple Voltage Regulator
Rev. 1.1 2001-09-06
logo
Interpion semiconductor
IP1531 INTERPION-IP1531 Datasheet
244Kb / 13P
TRIPLE OUTPUT VOLTAGE LDO REGULATOR
IP1532 INTERPION-IP1532 Datasheet
422Kb / 16P
TRIPLE OUTPUT VOLTAGE SERIES REGULATOR
logo
Infineon Technologies A...
TLE4418G INFINEON-TLE4418G Datasheet
85Kb / 10P
Triple Voltage Regulator
Rev. 0.1 2001-12-10
logo
Linear Technology
LTM4615 LINER-LTM4615 Datasheet
413Kb / 24P
Triple Output, Low Voltage DC/DC 關Module Regulator
logo
Infineon Technologies A...
TLE4471 INFINEON-TLE4471_09 Datasheet
425Kb / 24P
Triple Voltage Regulator
Rev. 1.6, 2009-02-03
logo
STMicroelectronics
ST3L01K7R STMICROELECTRONICS-ST3L01K7R Datasheet
571Kb / 12P
TRIPLE VOLTAGE REGULATOR
Mar-2002
logo
Linear Technology
LTM4615 LINER-LTM4615_15 Datasheet
524Kb / 24P
Triple Output, Low Voltage DC/DC Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com