Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3M01 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST3M01
Description  TRIPLE VOLTAGE REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3M01 Datasheet(HTML) 3 Page - STMicroelectronics

  ST3M01 Datasheet HTML 1Page - STMicroelectronics ST3M01 Datasheet HTML 2Page - STMicroelectronics ST3M01 Datasheet HTML 3Page - STMicroelectronics ST3M01 Datasheet HTML 4Page - STMicroelectronics ST3M01 Datasheet HTML 5Page - STMicroelectronics ST3M01 Datasheet HTML 6Page - STMicroelectronics ST3M01 Datasheet HTML 7Page - STMicroelectronics ST3M01 Datasheet HTML 8Page - STMicroelectronics ST3M01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ST3M01
3/11
CONNECTION DIAGRAM (top view)
PIN DESCRIPTION
Pin N°
Symbol
Name and Function
1
GND SW
Switching Ground. Must be low impedance; solder directly to GND plane
2
GND SW
Switching Ground. Must be low impedance; solder directly to GND plane
3
Virtual GND
Virtual GND. Open Drain N-Cnannel MOSFET: must be high impedance when the
Low Battery condition is detected.
4
LBO
Low Battery Output. Open Drain N-Cnannel MOSFET: sinks current when the
input voltage drops below 2V typically.
5VREF
Reference Voltage Output. Bypass with 0.1
µF to improve the linears V
REF
thermal noise performance
.
6
IN Linear
Linear Input. Must be connected togheter with IN SW to the input supply.
7OUT LB
Linear B Output port. 1.9V typically.
8
SHDN
Shutdown Input. Disables the SMPS and LA output, but the LB, the
referencevoltage and the low batery comparator remain active.
9
GND Signal
Signal GND. Must be connected togheter with the Switching Ground.
10
OUT LA
Linear A Output port. 3V typically.
11
OUT DC/DC
DC/DC Output Port: 3.3V typically.
12
IN SW
SMPS Input. Must be connected togheter with IN_Linear to the input supply.
13
LX
1.5A N-Channel Power MOSFET Drain.
14
LX
1.5A N-Channel Power MOSFET Drain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com