Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3M01 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST3M01
Description  TRIPLE VOLTAGE REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3M01 Datasheet(HTML) 1 Page - STMicroelectronics

  ST3M01 Datasheet HTML 1Page - STMicroelectronics ST3M01 Datasheet HTML 2Page - STMicroelectronics ST3M01 Datasheet HTML 3Page - STMicroelectronics ST3M01 Datasheet HTML 4Page - STMicroelectronics ST3M01 Datasheet HTML 5Page - STMicroelectronics ST3M01 Datasheet HTML 6Page - STMicroelectronics ST3M01 Datasheet HTML 7Page - STMicroelectronics ST3M01 Datasheet HTML 8Page - STMicroelectronics ST3M01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
November 2000
s
ONLY TWO CELL NEED AS INPUT
s
THREE REGULATED OUTPUT
1) HIGH EFFICENCY PFM DC/DC
CONVERTER 3.3V AT 200mA (87%
EFFICENCY)
2) VERY LOW NOISE AND VERY LOW
DROP VREG (3V AT 20mA)
3) VERY LOW NOISE AAND VERY LOW
DROP VREG (1.9V AT 20mA)
s
LOGIC CONTROLLED ELECTRONIC
SHUTDOWN
s
LOW BATTERY DETECTOR
s
VIRTUAL GND PIN
s
TEMPERATURA RANGE: -40 TO 85°C
ST3M01
TRIPLE VOLTAGE REGULATOR
SHDN
DC/DC
Linear A
Linear B
IN_Linear
OUT DC/DC
OUT LA
OUT LB
150 µF
1 µF
15 µH
DC/DC
Ref
Ref
Vref
Lx
Virtual GND
100 nF
GND_SW
-
+
GND_Signal
IN_SW
Vin
150 µF
1 µF
1 K
Ω
LBO
On-Mode
Off-Mode
SCHEMATIC DIAGRAM
SO-14


Similar Part No. - ST3M01

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
ST3 E-SWITCH-ST3 Datasheet
120Kb / 1P
Heavy Duty Rating with UL Approvals, RATING: 24A 125VAC [cULus]
logo
Superworld Electronics
ST3-10 SUPERWORLD-ST3-10 Datasheet
110Kb / 1P
POWER TRANSFORMER
logo
Pulse A Technitrol Comp...
ST3-10B11 PULSE-ST3-10B11 Datasheet
159Kb / 1P
Laminated Transformers Low Frequency Open-Style Laminated Split Bobbin Horizontal Plug-In Series
ST3-10B11 PULSE-ST3-10B11 Datasheet
159Kb / 1P
Low Frequency, Open-Style Laminated, Split Bobbin, Horizontal Plug-In Series
logo
Superworld Electronics
ST3-12 SUPERWORLD-ST3-12 Datasheet
110Kb / 1P
POWER TRANSFORMER
More results

Similar Description - ST3M01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3L01 STMICROELECTRONICS-ST3L01 Datasheet
542Kb / 12P
TRIPLE VOLTAGE REGULATOR
Mar-2002
logo
KEC(Korea Electronics)
KTC4520F KEC-KTC4520F Datasheet
375Kb / 3P
TRIPLE DIFFUSED NPN TRANSISTOR(SWITCHING REGULATOR, HIGH VOLTAGE, HIGH VOLTAGE SWITCHING)
logo
Infineon Technologies A...
TLE4471 INFINEON-TLE4471 Datasheet
217Kb / 26P
Triple Voltage Regulator
Rev. 1.1 2001-09-06
logo
Interpion semiconductor
IP1531 INTERPION-IP1531 Datasheet
244Kb / 13P
TRIPLE OUTPUT VOLTAGE LDO REGULATOR
IP1532 INTERPION-IP1532 Datasheet
422Kb / 16P
TRIPLE OUTPUT VOLTAGE SERIES REGULATOR
logo
Infineon Technologies A...
TLE4418G INFINEON-TLE4418G Datasheet
85Kb / 10P
Triple Voltage Regulator
Rev. 0.1 2001-12-10
logo
Linear Technology
LTM4615 LINER-LTM4615 Datasheet
413Kb / 24P
Triple Output, Low Voltage DC/DC 關Module Regulator
logo
Infineon Technologies A...
TLE4471 INFINEON-TLE4471_09 Datasheet
425Kb / 24P
Triple Voltage Regulator
Rev. 1.6, 2009-02-03
logo
STMicroelectronics
ST3L01K7R STMICROELECTRONICS-ST3L01K7R Datasheet
571Kb / 12P
TRIPLE VOLTAGE REGULATOR
Mar-2002
logo
Linear Technology
LTM4615 LINER-LTM4615_15 Datasheet
524Kb / 24P
Triple Output, Low Voltage DC/DC Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com