Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM77950 Datasheet(PDF) 39 Page - ELAN Microelectronics Corp

Part # EM77950
Description  BB Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM77950 Datasheet(HTML) 39 Page - ELAN Microelectronics Corp

Back Button EM77950 Datasheet HTML 35Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 36Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 37Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 38Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 39Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 40Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 41Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 42Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 43Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 102 page
background image
EM77950
BB Controller
Product Specification (V1.0) 10.09.2007
• 31
(This specification is subject to change without further notice)
7.2 Dual Port Register (0x40 ~ 0x7F)
R 40 ~ R7F are dual port registers.
7.3 System Status, Control and Configuration Registers
These registers are function-oriented registers used by the CPU to record, enable or
disable the peripheral modules, interrupts, and the operation clock modes.
7.3.1
Peripherals Enable Control – PRIE (0x80)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SPIE
-
BBE
ADE
PWM1E
PWM0E
TCCE
FRCE
Bit 0 (FRCE):
Free Run Counter 0 (FRC0) Enable bit.
Bit 1 (TCCE):
Timer Clock/Counter (TCC) Enable bit.
Bit 2 (PWM0E):
PWM0 function Enable bit.
Bit 3 (PWM1E):
PWM1 function Enable bit.
Bit 4 (ADE):
ADC Enable bit.
Bit 5 (BBE):
Base Band (BB) Enable bit.
Bit 7 (SPIE):
Serial Peripheral Interface Enable bit.
0
: disable function
1
: enable function
7.3.2
Interrupts Enable Control – INTE (0x81)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
GIE
RBFIE
PWM1IE
PWM0IE
EINT1E
EINT0E
TCCOE
FRCOE
Bit 0 (FRC0OE):
Free Run Counter (FRC) Overflow interrupt enable bit.
Bit 1 (TCCOE):
TCC (TCC) Overflow interrupt enable bit.
Bit 2 (EINT0E):
External pin (EINT0) interrupt enable bit.
Bit 3 (EINT1E):
External pin (EINT1) interrupt enable bit.
Bits 4 (PWM0IE):
PWM0 period complete enable bit.
Bits 5 (PWM1IE):
PWM1 period complete enable bit.
Bit 6 (RBFIE):
SPI Read Buffer Full (EINT) interrupt enable bit.
0
: disable function interrupt
1
: enable function interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com