Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM77950 Datasheet(PDF) 49 Page - ELAN Microelectronics Corp

Part # EM77950
Description  BB Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM77950 Datasheet(HTML) 49 Page - ELAN Microelectronics Corp

Back Button EM77950 Datasheet HTML 45Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 46Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 47Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 48Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 49Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 50Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 51Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 52Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 53Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 102 page
background image
EM77950
BB Controller
Product Specification (V1.0) 10.09.2007
• 41
(This specification is subject to change without further notice)
Name
Type
Description
DATA [0-7]
I/O
This bus comprises of eight TRI-STATE input/output lines. The bus
provides bidirectional communication between the system and the
MCU. Data, control words, and status information are transferred
via the DATA [0-7] data bus.
RD_n
I
When RD_n is low while the system is enabled, BB outputs one of its
internal register values to DATA[0-7] according to RAM_ADDR[0-6].
WR_n
I
When WR_n is low while the system is enabled, BB enables writing
to its internal registers. The register is determined by RAM_ADDR
[0-6] and the value DATA[0-7].
RAM_ADDR[0-6]
I
These four input signals determine the register to which the MCU
writes to or reads from.
CS_n
I
Chip select input pin. When CS_n is low, the chip is selected; when
high, the chip is disabled. This pin overrides all pins excluding RST.
This enables communication between BB and the MCU.
This pin functions as wakeup pin for power-down and idle modes.
TX_AE;
TX_EMPTY;
RX_AF;
CS;
LOCK_IN;
LOCK_OUT
O
Interrupt driver pins.
This pin goes high whenever any of the interrupt sources has an
active high condition and is enabled via the IER. The purpose of this
pin is to notify the MCU through its external interrupt pin that an
event (such as empty TX_FIFO) has occurred.
Goes low when IER register is read.
RST
I
Chip’s reset pin.
When this pin is set high, all registers and FIFOs are cleared to their
initial values. All transceiver traffic is disabled and aborted. Reset is
asynchronous to system clock.
After power-up, a pulse in RST input should be applied (by POR).
SHDWN
I
Shut Down BB
RF_ACTIVE
O
This output pin controls the RFW102 working/shutdown mode. Its
values are determined by SCR4(1).
SERIAL_IO
I/O
Serial input or output according to TX_RX mode.
It functions as serial interface for the RFW-102 (RFWAVES
modem).
When SERIAL_IO is input, it is a Schmitt-trigger input.
RX_TX
O
This pin controls RFW-102 operation mode. It should be connected
to RFW-102 RX_TX input pin.
When RX_TX is low, RFW-102 is in receiving mode.
When RX_TX is high, RFW-102 is in transmitting mode.
In most cases RX_TX output pin is determined by SCR2(0) register.
SCR3(7) and the capacitor discharge mechanism affects this pin.
RF_CLK
I
Clock for RF operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com