Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF07-LCD02F3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # EMIF07-LCD02F3
Description  7-line IPAD?? EMI filter and ESD protection for LCD and cameras
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF07-LCD02F3 Datasheet(HTML) 3 Page - STMicroelectronics

  EMIF07-LCD02F3 Datasheet HTML 1Page - STMicroelectronics EMIF07-LCD02F3 Datasheet HTML 2Page - STMicroelectronics EMIF07-LCD02F3 Datasheet HTML 3Page - STMicroelectronics EMIF07-LCD02F3 Datasheet HTML 4Page - STMicroelectronics EMIF07-LCD02F3 Datasheet HTML 5Page - STMicroelectronics EMIF07-LCD02F3 Datasheet HTML 6Page - STMicroelectronics EMIF07-LCD02F3 Datasheet HTML 7Page - STMicroelectronics EMIF07-LCD02F3 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
EMIF07-LCD02F3
Characteristics
3/8
Figure 7.
Line capacitance versus applied voltage
Figure 3.
S21(dB) all lines attenuation
measurement and Aplac simulation
Figure 4.
Analog cross talk measurement
100.0k
1.0M
10.0M
100.0M
1.0G
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
Line 1
Line 2
Line 3
Line 4
Line 5
Line 6
Line 7
100.0k
1.0M
10.0M
100.0M
1.0G
-100.00
-90.00
-80.00
-70.00
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
dB
f/Hz
Xtalk 1/2
100.0k
1.0M
10.0M
100.0M
1.0G
-100.00
-90.00
-80.00
-70.00
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
dB
f/Hz
Xtalk 1/2
100.0k
1.0M
10.0M
100.0M
1.0G
-100.00
-90.00
-80.00
-70.00
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
dB
f/Hz
Xtalk 1/2
Figure 5.
Voltages when IEC61000-4-2
(+15 kV air discharge) applied to
input pin
Figure 6.
Voltages when IEC61000-4-2
(-15 kV air discharge) applied to
input pin
Input
10V/d
Output
10V/d
100ns/d
Input
10V/d
Output
10V/d
100ns/d
0
5
10
15
20
25
30
01
234
56
V
(V)
line
C
(pF)
line



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com