Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF07-LCD02F3 Datasheet(PDF) 5 Page - STMicroelectronics

Part # EMIF07-LCD02F3
Description  7-line IPAD?? EMI filter and ESD protection for LCD and cameras
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF07-LCD02F3 Datasheet(HTML) 5 Page - STMicroelectronics

  EMIF07-LCD02F3 Datasheet HTML 1Page - STMicroelectronics EMIF07-LCD02F3 Datasheet HTML 2Page - STMicroelectronics EMIF07-LCD02F3 Datasheet HTML 3Page - STMicroelectronics EMIF07-LCD02F3 Datasheet HTML 4Page - STMicroelectronics EMIF07-LCD02F3 Datasheet HTML 5Page - STMicroelectronics EMIF07-LCD02F3 Datasheet HTML 6Page - STMicroelectronics EMIF07-LCD02F3 Datasheet HTML 7Page - STMicroelectronics EMIF07-LCD02F3 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
EMIF07-LCD02F3
Ordering information scheme
5/8
3
Ordering information scheme
Figure 10.
Ordering information scheme
4
Package information
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the inner box label, in compliance with JEDEC
Standard JESD97. The maximum ratings related to soldering conditions are also marked on
the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at
www.st.com.
Figure 11.
Package dimensions
EMIF
yy
-
xxx zz
F3
EMI Filter
Number of lines
Information
Package
x = resistance value (Ohms)
z = capacitance value / 10(pF)
or
3 letters = application
2 digits = version
F = Flip Chip
3 = Lead-free, pitch = 400 µm, bump = 255 µm
605 µm ± 55
1.97 mm ± 30µm
255 µm± 40
400 µm ± 40
185 µm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com