Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS251 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS251
Description  FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS251 Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS251 Datasheet HTML 1Page - Integrated Device Technology ICS251 Datasheet HTML 2Page - Integrated Device Technology ICS251 Datasheet HTML 3Page - Integrated Device Technology ICS251 Datasheet HTML 4Page - Integrated Device Technology ICS251 Datasheet HTML 5Page - Integrated Device Technology ICS251 Datasheet HTML 6Page - Integrated Device Technology ICS251 Datasheet HTML 7Page - Integrated Device Technology ICS251 Datasheet HTML 8Page - Integrated Device Technology ICS251 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DATASHEET
FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
ICS251
IDT™ / ICS™ FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER 1
ICS251
REV B 061306
Description
The ICS251 is a low cost, single-output, field programmable
clock synthesizer. The ICS251 can generate an output
frequency from 314 kHz to 200 MHz and may employ
Spread Spectrum techniques to reduce system
electro-magnetic interference (EMI).
Using ICS’ VersaClock™software to configure the PLL and
output, the ICS251 contains a One-Time Programmable
(OTP) ROM to allow field programmability. Programming
features include 4 selectable configuration registers.
The device employs Phase-Locked Loop (PLL) techniques
to run from a standard fundamental mode, inexpensive
crystal, or clock. It can replace multiple crystals and
oscillators, saving board space and cost.
The device also has a power-down feature that tri-states the
clock outputs and turns off the PLLs when the PDTS pin is
taken low.
The ICS251 is also available in factory programmed custom
versions for high-volume applications.
Features
• 8-pin SOIC package
• Four addressable registers
• Input crystal frequency of 5 to 27 MHz
• Clock input frequency of 3 to 150 MHz
• Output clock frequencies up to 200 MHz
• Configurable Spread Spectrum Modulation
• Operating voltage of 3.3 V
• Replaces multiple crystals and oscillators
• Controllable output drive levels
• Advanced, low-power CMOS process
• Available in RoHS compliant packaging
Block Diagram
Crystal
Oscillator
PLL Clock Synthesis,
Spred Spectrum and
Control Circuitry
CLK
PDTS (output and PLL)
OTP ROM
with PLL
Divider
Values
S1:0
2
VDD
GND
X2
Crystal or
clock input
External capacitors are
required with a crystal input.
X1/ICLK


Similar Part No. - ICS251

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS2510C ICST-ICS2510C Datasheet
247Kb / 7P
3.3V Phase-Lock Loop Clock Driver
Rev D 06/15/01
logo
Integrated Device Techn...
ICS2510C IDT-ICS2510C Datasheet
86Kb / 7P
Distributes one clock input to one bank of ten outputs
logo
Renesas Technology Corp
ICS2510C RENESAS-ICS2510C Datasheet
322Kb / 8P
3.3V Phase-Lock Loop Clock Driver
2019
logo
Integrated Circuit Syst...
ICS2510CG-T ICST-ICS2510CG-T Datasheet
247Kb / 7P
3.3V Phase-Lock Loop Clock Driver
Rev D 06/15/01
logo
Integrated Device Techn...
ICS251 IDT-ICS251_99 Datasheet
90Kb / 10P
Field Programmable SS VersaClock Synthesizer
More results

Similar Description - ICS251

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS343 ICST-ICS343 Datasheet
149Kb / 7P
Field Programmable Triple Output SS VersaClock Synthesizer
Revision 090704
ICS342 ICST-ICS342 Datasheet
151Kb / 7P
FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
Revision 090704
ICS341 ICST-ICS341 Datasheet
152Kb / 7P
Field Programmable SS VersaClock Synthesizer
Revision 090704
ICS252 ICST-ICS252 Datasheet
153Kb / 9P
Field Programmable Dual Output SS VersaClock Synthesizer
Revision 011606
logo
Integrated Device Techn...
ICS252 IDT-ICS252 Datasheet
210Kb / 11P
FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
ICS251 IDT-ICS251_99 Datasheet
90Kb / 10P
Field Programmable SS VersaClock Synthesizer
ICS252 IDT-ICS252_12 Datasheet
115Kb / 10P
FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
ICS341 IDT-ICS341 Datasheet
114Kb / 9P
FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
ICS342 IDT-ICS342 Datasheet
128Kb / 9P
FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
ICS345 IDT-ICS345_13 Datasheet
130Kb / 9P
TRIPLE PLL FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com