Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3M01D Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST3M01D
Description  TRIPLE VOLTAGE REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3M01D Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST3M01D Datasheet HTML 3Page - STMicroelectronics ST3M01D Datasheet HTML 4Page - STMicroelectronics ST3M01D Datasheet HTML 5Page - STMicroelectronics ST3M01D Datasheet HTML 6Page - STMicroelectronics ST3M01D Datasheet HTML 7Page - STMicroelectronics ST3M01D Datasheet HTML 8Page - STMicroelectronics ST3M01D Datasheet HTML 9Page - STMicroelectronics ST3M01D Datasheet HTML 10Page - STMicroelectronics ST3M01D Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
ST3M01
7/11
TEST CIRCUIT C (Iq)Ia=(Iin)Ia-(Iout)Ia
TEST CIRCUIT D (Iq)Ib=(Iin)Ib-(Iout)Ib
(Iout)la
(Iin)la
DC/DC
Linear A
Linear B
OUT DC/DC
OUT LA
OUT LB
1 µF
15 µH
SHDN=HIGH
DC/DC
Ref
Ref
Vref
Lx
LBO
Virtual GND
0.1 µF
GND_SW
-
+
GND_Signal
IN_SW
(Vin)Lin=2.24V
47 µF
1 µF
1 K
Ω
47 µF
IN_Linear
(Vin)DC/DC Floating
A
(Vout)DC/DC=3.5V
(Iout)lb
(Iin)lb
DC/DC
Linear A
Linear B
OUT DC/DC
OUT LA
OUT LB
1 µF
15 µH
SHDN=LOW
DC/DC
Ref
Ref
Vref
Lx
LBO
Virtual GND
0.1 µF
GND_SW
-
+
GND_Signal
IN_SW
(Vin)Lin=3.3V
47 µF
1 µF
1 K
Ω
47 µF
IN_Linear
(Vin)DC/DC Floating
A
150 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com