Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3M01D Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST3M01D
Description  TRIPLE VOLTAGE REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3M01D Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST3M01D Datasheet HTML 3Page - STMicroelectronics ST3M01D Datasheet HTML 4Page - STMicroelectronics ST3M01D Datasheet HTML 5Page - STMicroelectronics ST3M01D Datasheet HTML 6Page - STMicroelectronics ST3M01D Datasheet HTML 7Page - STMicroelectronics ST3M01D Datasheet HTML 8Page - STMicroelectronics ST3M01D Datasheet HTML 9Page - STMicroelectronics ST3M01D Datasheet HTML 10Page - STMicroelectronics ST3M01D Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
ST3M01
9/11
DEMOBOARD CIRCUIT
PC BOARD LAYOUT
IN_SW
LX
OUT_DC/DC
OUT_LB
Virtual_GND
LBO
Vref
GND_Signal
GND_SW
SHDN
IN_Linear
ST3M01
OUT_LA
12
13,14
11
C1
150
µF
8
IN
D
STPS320U
L
22
µH
C2
150
µF
C4
1
µF
C5
1
µF
B
A
C3
100 nF
LBO
VG
10
6
7
5
9
1,2
3
4
SH
DC
R1
1KOhm
VR
ON
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com