Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT3606 Datasheet(PDF) 4 Page - Catalyst Semiconductor

Part # CAT3606
Description  6-Channel Low Noise Charge Pump White LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3606 Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT3606 Datasheet HTML 1Page - Catalyst Semiconductor CAT3606 Datasheet HTML 2Page - Catalyst Semiconductor CAT3606 Datasheet HTML 3Page - Catalyst Semiconductor CAT3606 Datasheet HTML 4Page - Catalyst Semiconductor CAT3606 Datasheet HTML 5Page - Catalyst Semiconductor CAT3606 Datasheet HTML 6Page - Catalyst Semiconductor CAT3606 Datasheet HTML 7Page - Catalyst Semiconductor CAT3606 Datasheet HTML 8Page - Catalyst Semiconductor CAT3606 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CAT3606
Doc. No. MD-5009 Rev. C
4
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
BLOCK DIAGRAM
Figure 2. CAT3606 Functional Block Diagram
BASIC OPERATION
At power-up, the CAT3606 starts operation in 1x
mode. If it is able to drive the programmed LED
current, it continues in 1x mode. If the battery voltage
drops to a level where the LED current cannot be met,
the driver automatically switches into 1.5x mode, to
boost the output voltage high enough to achieve the
nominal LED current.
The above sequence is reinitialized each and every
time the chip is powered up or is taken out of
shutdown mode (via EN pin). The use of the Main and
Sub display enable pins (ENM
¯¯¯ or ENS
¯¯¯ ) does not affect
the mode of operation.
VIN
VIN
Battery
3V to 4.2V
1µF
CIN
Current
Setting
1.2V Ref
1MHz
Oscillator
Mode Control
1x mode (LDO)
1.5x Charge Pump
EN
RSET
ENM
LED1
LED2
LED3
LED4
LED5
LED6
LED Output
Select
6 Current
Sink Regulators
VOUT
20mA
C1-
C1+ C2-
C2+
1µF
1µF
1µF
COUT
RSET
24kΩ
GND
Sub
Main
ENS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com