Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT3606 Datasheet(PDF) 9 Page - Catalyst Semiconductor

Part # CAT3606
Description  6-Channel Low Noise Charge Pump White LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3606 Datasheet(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT3606 Datasheet HTML 4Page - Catalyst Semiconductor CAT3606 Datasheet HTML 5Page - Catalyst Semiconductor CAT3606 Datasheet HTML 6Page - Catalyst Semiconductor CAT3606 Datasheet HTML 7Page - Catalyst Semiconductor CAT3606 Datasheet HTML 8Page - Catalyst Semiconductor CAT3606 Datasheet HTML 9Page - Catalyst Semiconductor CAT3606 Datasheet HTML 10Page - Catalyst Semiconductor CAT3606 Datasheet HTML 11Page - Catalyst Semiconductor CAT3606 Datasheet HTML 12Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CAT3606
© Catalyst Semiconductor, Inc.
9
Doc. No. MD-5009 Rev. C
Characteristics subject to change without notice
TYPICAL CHARACTERISTICS
VIN = 3.6V, EN = VIN, ENM
¯¯¯ = ENS
¯¯¯ = GND, CIN = COUT = 1µF, TAMB = 25ºC, unless otherwise specified.
RECOMMENDED LAYOUT
When the driver is in the 1.5x charge pump mode, the
1MHz switching frequency operation requires to
minimize trace length and impedance to ground on all 4
capacitors. A ground plane should cover the area on
the bottom side of the PCB opposite to the IC and the
bypass capacitors. Capacitors Cin and Cout require
short connection to ground which can be done with
multiple vias as shown on Figure 2. A square copper
area matches the QFN16 exposed pad (GND) and
must be connected to the ground plane underneath.
The use of multiple via will improve the heat dissipation.
Figure 2. PCB Layout
RSET Pin Voltage vs. Temperature
0
1
2
3
4
5
0
100
200
300
400
500
1x mode
1.16
1.18
1.20
1.22
1.24
-50
-25
0
2550
75100
125
TEMPERATURE [ºC]
OUTPUT CURRENT [mA]
Foldback Current Limiting
PWM Dimming at 1kHz on ENM and ENS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com