Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST491A Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST491A
Description  LOW POWER HIGH SPEED RS-485/RS-422 TRANSCEIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST491A Datasheet(HTML) 3 Page - STMicroelectronics

  ST491A Datasheet HTML 1Page - STMicroelectronics ST491A Datasheet HTML 2Page - STMicroelectronics ST491A Datasheet HTML 3Page - STMicroelectronics ST491A Datasheet HTML 4Page - STMicroelectronics ST491A Datasheet HTML 5Page - STMicroelectronics ST491A Datasheet HTML 6Page - STMicroelectronics ST491A Datasheet HTML 7Page - STMicroelectronics ST491A Datasheet HTML 8Page - STMicroelectronics ST491A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ST491A
3/12
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is
not implied.
ELECTRICAL CHARACTERISTICS
VCC =4.5V to5.5V, TA = -40 to 85°C, unless otherwise specified. Typical values are referred to TA =25°C)
TRANSMITTER ELECTRICAL CHARACTERISTICS
VCC = 4.5V to 5.5V, TA = -40 to 85°C, unless otherwise specified. Typical values are referred to Ta = 25°C)
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
7V
VDI
Driver Input Voltage
-0.5 to 7
V
VY,VZ
Driver Output Voltage
-7.5 to 12.5
V
VA,VB
Receiver Input Voltage
-7.5 to 12.5
V
VRO
Receiver Output Voltage
-0.3 to (VCC + 0.3)
V
ESD
Human Body Model
3.5
KV
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISUPPLY No Load Supply Current
2
5
mA
CIN
Input Capacitance
1.8
pF
CYZ
Driver Output Capacitance
1.2
pF
COUT
Output Capacitance
2.3
pF
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VOD1
Differential Drive Output
(No load)
VCC
V
VOD2
Differential Drive Output
(With Load)
RL=54Ω (RS-422) (Figure 1)
1.5
2.6
5
V
VOD3
Differential Drive Output
(With Load)
RL= 100Ω (RS-422) (Figure 1)
2
3
V
∆V
OD
Change in magnitude of
Driver Differential Output
Voltage for Complementary
Output States (Note1)
RL=54Ω or 100Ω (Figure 1)
0
0.2
V
VOC
Driver Common Mode
Output Voltage
RL=54Ω (Figure 1)
1
3
V
∆V
OC
Change in magnitude of
Driver Common Mode
Output Voltage (Note1)
RL=54Ω (Figure 1)
0
0.2
V
IOFF
Power Off Output Current
VCC =0V
VO=-7V to 12V
± 100
µA
IOSD
Driver Short Circuit Output
Current
VO=-7V to 12V
± 35
± 250
mA
VIL
Input Logic Threshold Low
0.8
V
VIH
Input Logic Threshold High
2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com