Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST491A Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST491A
Description  LOW POWER HIGH SPEED RS-485/RS-422 TRANSCEIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST491A Datasheet(HTML) 1 Page - STMicroelectronics

  ST491A Datasheet HTML 1Page - STMicroelectronics ST491A Datasheet HTML 2Page - STMicroelectronics ST491A Datasheet HTML 3Page - STMicroelectronics ST491A Datasheet HTML 4Page - STMicroelectronics ST491A Datasheet HTML 5Page - STMicroelectronics ST491A Datasheet HTML 6Page - STMicroelectronics ST491A Datasheet HTML 7Page - STMicroelectronics ST491A Datasheet HTML 8Page - STMicroelectronics ST491A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
July 2003
s
LOW SUPPLY CURRENT: 5mA MAX
s
DESIGNED FOR RS485 INTERFACE
APPLICATIONS
s
-7 TO 12 COMMON MODE INPUT VOLTAGE
RANGE
s
70mV TYPICAL INPUT HYSTERESIS
s
DESIGNED FOR 25Mbps OPERATION
s
OPERATE FROM SINGLE 5 SUPPLY
s
±4kV ESD PROTECTION
s
CURRENT LIMITING AND THERMAL
SHUTDOWN FOR DRIVER OVERLOAD
PROTECTION
DESCRIPTION
The ST491A is a low power transceiver for
RS-485 and RS-422 communications. The device
contains one driver and one receiver in full duplex
configuration. The ST491A draws 5mA (typ.) of
supply current when unloaded and operates from
a single 5V supply.
Driver is short-circuit current limited and is
protected against excessive power dissipation by
thermal shutdown circuitry that place the driver
outputs into a high-impedance state. The receiver
input has a fail-safe feature that guarantees a
logic high output if both inputs are open circuit.
ORDERING CODES
Type
Temperature
Range
Package
Comments
ST491ACN
0 to 70 °C
DIP-14
25parts per tube / 40tube per box
ST491ABN
-40 to 85 °C
DIP-14
25parts per tube / 40tube per box
ST491ACD
0 to 70 °C
SO-14 (Tube)
50parts per tube / 20tube per box
ST491ABD
-40 to 85 °C
SO-14 (Tube)
50parts per tube / 20tube per box
ST491ACDR
0 to 70 °C
SO-14 (Tape & Reel)
2500 parts per reel
ST491ABDR
-40 to 85 °C
SO-14 (Tape & Reel)
2500 parts per reel
ST491A
LOW POWER HIGH SPEED RS-485/RS-422 TRANSCEIVER
DIP
SOP


Similar Part No. - ST491A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST491ACN STMICROELECTRONICS-ST491ACN Datasheet
239Kb / 17P
Low power high speed RS-485/RS-422 transceiver
28-May-2007
ST491A STMICROELECTRONICS-ST491A_07 Datasheet
239Kb / 17P
Low power high speed RS-485/RS-422 transceiver
28-May-2007
More results

Similar Description - ST491A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST485 STMICROELECTRONICS-ST485 Datasheet
545Kb / 19P
Low power RS-485/RS-422 transceiver
21-Mar-2006
ST490A STMICROELECTRONICS-ST490A Datasheet
203Kb / 11P
LOW POWER HIGH SPEED RS-485/RS-422 TRANSCEIVER
Nov-2002
ST75C176 STMICROELECTRONICS-ST75C176_06 Datasheet
260Kb / 18P
LOW POWER RS-485/RS-422 TRANSCEIVER
04-May-2006
ST485A STMICROELECTRONICS-ST485A Datasheet
254Kb / 19P
Very high speed low power RS-485/RS-422 transceiver
28-Mar-2006
ST490A STMICROELECTRONICS-ST490A_06 Datasheet
210Kb / 17P
Low power high speed RS-485/RS-422 transceiver
04-May-2006
ST491A STMICROELECTRONICS-ST491A_07 Datasheet
239Kb / 17P
Low power high speed RS-485/RS-422 transceiver
28-May-2007
ST485B STMICROELECTRONICS-ST485B Datasheet
730Kb / 19P
Low power RS-485/RS-422 transceiver
07-Feb-2008
ST485AB STMICROELECTRONICS-ST485AB_07 Datasheet
717Kb / 19P
Very high speed low power RS-485/RS-422 transceiver
24-Aug-2007
ST490AB STMICROELECTRONICS-ST490AB Datasheet
686Kb / 17P
Low power high speed RS-485/RS-422 transceiver
07-Feb-2008
ST75C176B STMICROELECTRONICS-ST75C176B Datasheet
326Kb / 17P
Low power RS-485/RS-422 transceiver
07-Nov-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com