Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMPT65 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSMPT65
Description  Triple Output Up to 65 Watts AC/DC Medical Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSMPT65 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSMPT65 Datasheet HTML 1Page - Wall Industries,Inc. PSMPT65 Datasheet HTML 2Page - Wall Industries,Inc. PSMPT65 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSMPT65 Series
Triple Output
Up to 65 Watts
AC/DC Medical Power Supply
MECHANICAL DRAWING
Unit: mm
AC Input Connector (CN1): Molex 5277-02 or equivalent
Pin. No
Assignment
Mating Housing
Terminal
1
AC/N
2
AC/L
Molex 5195
or equivalent
Molex 5194
or equivalent
DC Output Connector (CN2): Molex 5273-06 or equivalent
Pin No.
Assignment
Mating Housing
Terminal
1
+V
2,3
+5V
4,5
COM
6
-V
Molex 5195
or equivalent
Molex 5194
or equivalent



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com