Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMPT65 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSMPT65
Description  Triple Output Up to 65 Watts AC/DC Medical Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSMPT65 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSMPT65 Datasheet HTML 1Page - Wall Industries,Inc. PSMPT65 Datasheet HTML 2Page - Wall Industries,Inc. PSMPT65 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSMPT65 Series
Triple Output
Up to 65 Watts
AC/DC Medical Power Supply
FEATURES
• Medical Application
• Low Cost, High Reliability
• 100% Full Load Burn-In Test
• Universal AC Input/ Full Range
• Built-In EMI Filter, Low Ripple Noise
• High Efficiency, Low Working Temperature
• Short Circuit, Overload, and Over Voltage Protected
SPECIFICATIONS: PSMPT65 Series
All specifications are based on 25
oC, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
INPUT SPECIFICATIONS
Input Voltage
90 – 264VAC (127 – 370VDC)
Input Frequency
47 to 440Hz
AC Current (typical)
1.6A @ 115VAC / 1A @ 230VAC
Inrush Current
20A @ 115VAC cold start / 40A @ 230VAC cold start.
Leakage Current
Less than 0.3mA @ 264VAC
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Output Voltage Tolerance
±4% (CH.1) +10%, -7% (CH.2), ±5% (CH.3)
Output Adjustment Range
CH1: ±10% rated output voltage.
Output Power (max)
72 Watts max. with 18CFM minimum forced airflow.
Line Regulation
±1% (CH.1 & CH.3), ±2% (CH.2)
Load Regulation
±3% (CH.1), ±4% (CH.2), ±1% (CH.3)
Output Current
See Table
Ripple & Noise (20MHz BW)
See Table
Setup, Rise Time
800ms, 20ms at full load and 230VAC, 800ms, 20ms at full load and 115VAC.
Hold-Up Time
80ms at full load and 230VAC, 12ms at full load and 115VAC,
Temperature Coefficient
±0.04%/°C (0~50°C) on +5V output.
PROTECTION
Over Voltage Protection
CH.1: 115~135% rated output voltage.
Overload Protection
73~105W hiccup mode, auto-recovery.
GENERAL SPECIFICATIONS
Switching Frequency (fixed)
45KHz
Efficiency
74% typical
Isolation Voltage (Input to Output)
4000VAC for 1 minute
Isolation Voltage (Input to FG)
1500VAC for 1minute
Isolation Voltage (Output to FG)
500VAC for 1 minute
Isolation Resistance (Input to Output)
100MΩ / 500VDC
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
-10°C to +55°C (refer to derating curve)
Storage Temperature
-20°C to +85°C
Operating Humidity (non-condensing)
20% to 90% RH
Storage Humidity (non-condensing)
10%~95% RH
Vibration
10~500Hz, 2G 10min./1cycle, Period for 60 minutes each along X, Y, and Z axes.
Cooling
Free air convection
MTBF
275,100 hours min.
MIL-HDBK-217 (25°C)
PHYSICAL SPECIFICATIONS
Weight
280g
Dimensions
127(L) x 76(W) x 42(H) mm PCB only
Warranty
3 years
SAFETY & EMC
Agency Approvals
UL/ CUL/ TUV/ CB/ CE
Safety Standards
UL2601-1, TUV EN60601-1, IEC601-1 Approved
EMC Standards
EN55011 class B, EN61000-4-2,3,4,5,6,8,11, EN61000-3-2,3, EN60601-1-2, ENV50204


Similar Part No. - PSMPT65

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSMPT45 WALL-PSMPT45 Datasheet
169Kb / 3P
Triple Output Up to 45 Watts AC/DC Medical Power Supply
PSMPT45A WALL-PSMPT45A Datasheet
169Kb / 3P
Triple Output Up to 45 Watts AC/DC Medical Power Supply
PSMPT45B WALL-PSMPT45B Datasheet
169Kb / 3P
Triple Output Up to 45 Watts AC/DC Medical Power Supply
PSMPT45C WALL-PSMPT45C Datasheet
169Kb / 3P
Triple Output Up to 45 Watts AC/DC Medical Power Supply
More results

Similar Description - PSMPT65

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSMPD45 WALL-PSMPD45 Datasheet
167Kb / 3P
Dual Output Up to 45 Watts AC/DC Medical Power Supply
PSMPD65 WALL-PSMPD65 Datasheet
166Kb / 3P
Dual Output Up to 65 Watts AC/DC Medical Power Supply
PSMPS30 WALL-PSMPS30 Datasheet
168Kb / 3P
Single Output Up to 30 Watts AC/DC Medical Power Supply
PSMPS45 WALL-PSMPS45 Datasheet
157Kb / 3P
Single Output Up to 48 Watts AC/DC Medical Power Supply
PSMPS65 WALL-PSMPS65 Datasheet
169Kb / 3P
Single Output Up to 65 Watts AC/DC Medical Power Supply
PSMPT45 WALL-PSMPT45 Datasheet
169Kb / 3P
Triple Output Up to 45 Watts AC/DC Medical Power Supply
PSPD65 WALL-PSPD65 Datasheet
182Kb / 3P
Dual Output Up to 65 Watts AC/DC Power Supply
PSPS65 WALL-PSPS65 Datasheet
183Kb / 3P
Single Output Up to 65 Watts AC/DC Power Supply
PSPT45 WALL-PSPT45 Datasheet
188Kb / 3P
Triple Output Up to 45 Watts AC/DC Power Supply
PSPT65 WALL-PSPT65 Datasheet
184Kb / 3P
Triple Output Up to 68 Watts AC/DC Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com