Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSPD25 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSPD25
Description  Dual Output Up to 25 Watts AC/DC Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPD25 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSPD25 Datasheet HTML 1Page - Wall Industries,Inc. PSPD25 Datasheet HTML 2Page - Wall Industries,Inc. PSPD25 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSPD25 Series
Dual Output
Up to 25 Watts
AC/DC Power Supply
OUTPUT VOLTAGE / CURRENT RATING CHART
Model
Input Voltage
Output
Voltage
Over Voltage
Protection
Current
Range
Rated
Current
Ripple &
Noise
Output
Power
Efficiency
Channel 1
5 VDC
5.75 ~ 6.75V
0.2 ~ 2.5A
2.1A
50mVp-p
PSPD-25A
Channel 2
12 VDC
13.8 ~ 16.2V
0.1 ~ 1.5A
1.2A
150mVp-p
25W
71%
Channel 1
5 VDC
5.75 ~ 6.75V
0.2 ~ 2A
1.2A
50mVp-p
PSPD-25B
Channel 2
24 VDC
27.6 ~ 32.4V
0.1 ~ 1A
0.8A
200mVp-p
25.2W
77%
Channel 1
5 VDC
5.75 ~ 6.75V
0.1 ~ 3A
2.5A
50mVp-p
PSPD-2505
Channel 2
-5 VDC
-5.75 ~ -6.75V
0.1 ~ 2.5A
2.5A
50mVp-p
25W
73%
Channel 1
12VDC
13.8 ~ 16.2V
0.1 ~ 1.2A
1A
50mVp-p
PSPD-2512
Channel 2
-12VDC
-13.8 ~ -16.2V
0.1 ~ 1.2A
1A
50mVp-p
24W
74%
Channel 1
15VDC
17.3 ~ 20.3V
0.1 ~ 1A
0.8A
50mVp-p
PSPD-2515
Channel 2
85~264 VAC
(120~370 VDC)
-15VDC
-17.3 ~ -20.3V
0.1 ~ 1A
0.8A
50mVp-p
24W
75%
NOTES
1. All parameters not specially mentioned are measured at 230VAC input, rated load, and 25°C ambient temperature.
2. Ripple & noise are measured at 20MHz using a 12" twisted pair-wire terminated with 0.1uF & 47uF capacitors in parallel.
3. Tolerance: includes set up tolerance, line regulation, and load regulation.
4. The power supply is considered a component, which will be installed into final equipment. The final equipment must be re-confirmed that
it still meets EMC directives.
BLOCK DIAGRAM
DERATING CURVE
STATIC CHARACTERISTICS (A)
fosc: 100KHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com