Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSPD25 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSPD25
Description  Dual Output Up to 25 Watts AC/DC Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPD25 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSPD25 Datasheet HTML 1Page - Wall Industries,Inc. PSPD25 Datasheet HTML 2Page - Wall Industries,Inc. PSPD25 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSPD25 Series
Dual Output
Up to 25 Watts
AC/DC Power Supply
FEATURES
• Low Cost
• High Reliability
• 2 Year Warranty
• 100% Full Load Burn-In Test
• Low Leakage Current < 0.5mA
• Universal AC Input/ Full Range
• Cooling by Free Air Convection
• Fixed Switching Frequency at 100KHz
• Short Circuit, Overload, Over Voltage, and Over Temperature Protected
SPECIFICATIONS: PSPD25 Series
All specifications are based on 25oC, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
INPUT SPECIFICATIONS
Input Voltage
85 – 264VAC (120 – 370VDC)
Input Frequency
47 ~ 63Hz
AC Current (typical)
0.65A @ 115VAC
0.4A @ 230VAC
Inrush Current
32A cold start.
Leakage Current
< 0.5mA @ 240VAC
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Output Voltage Tolerance (See Note 3)
PSPD-25A & PSPD-25B (CH 1: ±2%, CH 2: ±6%)
PSPD-2505 (CH 1: ±6%, CH 2: ±6%)
PSPD-2512 & PSPD-2515 (CH 1: ±4%, CH.2: ±4%)
Line Regulation
PSPD-25A & PSPD-25B (CH 1: ±0.5%, CH 2: ±2%)
PSPD-2505 (CH 1: ±1%, CH 2: ±1%)
PSPD-2512 & PSPD-2515 (CH 1: ±0.5%, CH.2: ±0.5%)
Load Regulation
PSPD-25A & PSPD-25B (CH 1: ±1%, CH 2: ±4%)
PSPD-2505 (CH 1: ±4%, CH 2: ±4%)
PSPD-2512 & PSPD-2515 (CH 1: ±3%, CH.2: ±3%)
Output Current
See Table
Ripple & Noise (See Note 2)
See Table
Setup, Rise Time
250ms, 50ms @ 230VAC
250ms, 30ms @ 115VAC and full load
Hold Up Time
100ms @ 230VAC
16ms @ 115VAC and full load
Temperature Coefficient
±0.03%/°C (0~50°C) on CH 1 output.
PROTECTION
Over Voltage Protection
See Table
Protection Type: Shut off output voltage, clamping by Zener diode.
Overload Protection
Above 105% rated output power
Protection Type: Hiccup mode, recovers automatically after fault condition is removed.
Tj 135°C typically (U1) detect on main control IC
Over Temperature Protection
Shut down output voltage, recovers automatically after temperature goes down.
GENERAL SPECIFICATIONS
Switching Frequency (fixed)
100KHz
Efficiency (typical)
See Table
Withstand Voltage
3KVAC (input to output), 1.5KVAC (input to FG), 0.5KVAC (output to FG).
Isolation Resistance
100MΩ / 500VDC (input to output, input to FG, output to FG)
ENVIRONMENTAL SPECIFICATIONS
Working Temperature
-10°C to +60°C (refer to output load derating curve)
Storage Temperature
-20°C to +85°C
Working Humidity (non-condensing)
20% ~ 90% RH non-condensing
Storage Humidity (non-condensing)
10% ~ 95% RH
Vibration
10~500Hz, 2G 10min./1cycle, Period for 60 minutes each along X, Y, and Z axes.
MTBF
507,900 hours min.
MIL-HDBK-217 (25°C)
PHYSICAL SPECIFICATIONS
Weight
10 oz.
Dimensions
107(L) x 61(W) x 28(H) mm
Warranty
2 years
SAFETY & EMC
Safety Standards
UL60950-1, TUV EN60950-1 Approved
EMI Conduction and Radiation
Compliance to EN55022 (CISPR22) Class B
Harmonic Current
Compliance to EN61000-3-2,3
EMS Immunity
Compliance to EN61000-4-2,3,4,5, light industry level, criteria A.


Similar Part No. - PSPD25

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSPD-45A WALL-PSPD-45A Datasheet
179Kb / 3P
Dual Output Up to 45 Watts AC/DC Power Supply
PSPD-45B WALL-PSPD-45B Datasheet
179Kb / 3P
Dual Output Up to 45 Watts AC/DC Power Supply
PSPD-65A WALL-PSPD-65A Datasheet
182Kb / 3P
Dual Output Up to 65 Watts AC/DC Power Supply
PSPD-65B WALL-PSPD-65B Datasheet
182Kb / 3P
Dual Output Up to 65 Watts AC/DC Power Supply
PSPD45 WALL-PSPD45 Datasheet
179Kb / 3P
Dual Output Up to 45 Watts AC/DC Power Supply
More results

Similar Description - PSPD25

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSMPD45 WALL-PSMPD45 Datasheet
167Kb / 3P
Dual Output Up to 45 Watts AC/DC Medical Power Supply
PSMPD65 WALL-PSMPD65 Datasheet
166Kb / 3P
Dual Output Up to 65 Watts AC/DC Medical Power Supply
PSPD45 WALL-PSPD45 Datasheet
179Kb / 3P
Dual Output Up to 45 Watts AC/DC Power Supply
PSPD65 WALL-PSPD65 Datasheet
182Kb / 3P
Dual Output Up to 65 Watts AC/DC Power Supply
PSPS25 WALL-PSPS25 Datasheet
184Kb / 3P
Single Output Up to 25 Watts AC/DC Power Supply
PSPS45 WALL-PSPS45 Datasheet
183Kb / 3P
Single Output Up to 48 Watts AC/DC Power Supply
PSPS65 WALL-PSPS65 Datasheet
183Kb / 3P
Single Output Up to 65 Watts AC/DC Power Supply
PSPT45 WALL-PSPT45 Datasheet
188Kb / 3P
Triple Output Up to 45 Watts AC/DC Power Supply
PSPT65 WALL-PSPT65 Datasheet
184Kb / 3P
Triple Output Up to 68 Watts AC/DC Power Supply
PSRL0603D WALL-PSRL0603D Datasheet
406Kb / 5P
Dual Output Up to 250 Watts AC/DC Switching Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com