Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST490 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST490
Description  LOW POWER HIGH SPEED RS-485/RS-422 TRANSCEIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST490 Datasheet(HTML) 3 Page - STMicroelectronics

  ST490 Datasheet HTML 1Page - STMicroelectronics ST490 Datasheet HTML 2Page - STMicroelectronics ST490 Datasheet HTML 3Page - STMicroelectronics ST490 Datasheet HTML 4Page - STMicroelectronics ST490 Datasheet HTML 5Page - STMicroelectronics ST490 Datasheet HTML 6Page - STMicroelectronics ST490 Datasheet HTML 7Page - STMicroelectronics ST490 Datasheet HTML 8Page - STMicroelectronics ST490 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ST490A
3/11
ELECTRICAL CHARACTERISTICS
VCC =4.5V to5.5V, TA = -40 to 85°C, unless otherwise specified. Typical values are referred to TA =25°C)
TRANSMITTER ELECTRICAL CHARACTERISTICS
VCC = 4.5V to 5.5V, TA = -40 to 85°C, unless otherwise specified. Typical values are referred to Ta = 25°C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISUPPLY No Load Supply Current
2
5
mA
CIN
Input Capacitance
1.8
pF
CYZ
Driver Output Capacitance
1.2
pF
COUT
Output Capacitance
2.3
pF
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VOD1
Differential Drive Output
(No load)
VCC
V
VOD2
Differential Drive Output
(With Load)
RL=54Ω (RS-422) (Figure 1)
1.5
2.6
5
V
VOD3
Differential Drive Output
(With Load)
RL= 100Ω (RS-422) (Figure 1)
2
3
V
∆V
OD
Change in magnitude of
Driver Differential Output
Voltage for Complementary
Output States (Note1)
RL=54Ω or 100Ω (Figure 1)
0
0.2
V
VOC
Driver Common Mode
Output Voltage
RL=54Ω (Figure 1)
1
3
V
∆V
OC
Change in magnitude of
Driver Common Mode
Output Voltage (Note1)
RL=54Ω (Figure 1)
0
0.2
V
IOFF
Power Off Output Current
VCC =0V
VO=-7V to 12V
± 100
µA
IOSD
Driver Short Circuit Output
Current
VO=-7V to 12V
± 35
± 250
mA
VIL
Input Logic Threshold Low
0.8
V
VIH
Input Logic Threshold High
2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com