Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST490 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST490
Description  LOW POWER HIGH SPEED RS-485/RS-422 TRANSCEIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST490 Datasheet(HTML) 1 Page - STMicroelectronics

  ST490 Datasheet HTML 1Page - STMicroelectronics ST490 Datasheet HTML 2Page - STMicroelectronics ST490 Datasheet HTML 3Page - STMicroelectronics ST490 Datasheet HTML 4Page - STMicroelectronics ST490 Datasheet HTML 5Page - STMicroelectronics ST490 Datasheet HTML 6Page - STMicroelectronics ST490 Datasheet HTML 7Page - STMicroelectronics ST490 Datasheet HTML 8Page - STMicroelectronics ST490 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
November 2002
s
LOW SUPPLY CURRENT: 5mA MAX
s
-7 TO 12 COMMON MODE INPUT VOLTAGE
RANGE
s
70mV TYPICAL INPUT HYSTERESIS
s
DESIGNED FOR 25Mbps OPERATION
s
OPERATE FROM SINGLE 5 SUPPLY
s
±4kV ESD PROTECTION
s
CURRENT LIMITING AND THERMAL
SHUTDOWN FOR DRIVER OVERLOAD
PROTECTION
DESCRIPTION
The ST490A is a low power transceiver for
RS-485 and RS-422 communications. The device
contains one driver and one receiver in full duplex
configuration. The ST490A draws 5mA (typ.) of
supply current when unloaded or fully loaded with
disabled drivers. It operates from a single 5V
supply.
Driver is short-circuit current limited and is
protected against excessive power dissipation by
thermal shutdown circuitry that place the driver
outputs into a high-impedance state. The receiver
input has a fail-safe feature that guarantees a
logic high output if both inputs are open circuit.
ORDERING CODES
Type
Temperature
Range
Package
Comments
ST490ACN
0 to 70 °C
DIP-8
50parts per tube / 40tube per box
ST490ABN
-40 to 85 °C
DIP-8
50parts per tube / 40tube per box
ST490ACD
0 to 70 °C
SO-8 (Tube)
100parts per tube / 20tube per box
ST490ABD
-40 to 85 °C
SO-8 (Tube)
100parts per tube / 20tube per box
ST490ACDR
0 to 70 °C
SO-8 (Tape & Reel)
2500 parts per reel
ST490ABDR
-40 to 85 °C
SO-8 (Tape & Reel)
2500 parts per reel
ST490A
LOW POWER HIGH SPEED RS-485/RS-422 TRANSCEIVER
DIP
SOP


Similar Part No. - ST490

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST490AB STMICROELECTRONICS-ST490AB Datasheet
686Kb / 17P
Low power high speed RS-485/RS-422 transceiver
07-Feb-2008
ST490ABDR STMICROELECTRONICS-ST490ABDR Datasheet
210Kb / 17P
Low power high speed RS-485/RS-422 transceiver
04-May-2006
ST490ABDR STMICROELECTRONICS-ST490ABDR Datasheet
686Kb / 17P
Low power high speed RS-485/RS-422 transceiver
07-Feb-2008
ST490ABN STMICROELECTRONICS-ST490ABN Datasheet
210Kb / 17P
Low power high speed RS-485/RS-422 transceiver
04-May-2006
ST490ABN STMICROELECTRONICS-ST490ABN Datasheet
686Kb / 17P
Low power high speed RS-485/RS-422 transceiver
07-Feb-2008
More results

Similar Description - ST490

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST485 STMICROELECTRONICS-ST485 Datasheet
545Kb / 19P
Low power RS-485/RS-422 transceiver
21-Mar-2006
ST491A STMICROELECTRONICS-ST491A Datasheet
269Kb / 12P
LOW POWER HIGH SPEED RS-485/RS-422 TRANSCEIVER
Jul-2003
ST75C176 STMICROELECTRONICS-ST75C176_06 Datasheet
260Kb / 18P
LOW POWER RS-485/RS-422 TRANSCEIVER
04-May-2006
ST485A STMICROELECTRONICS-ST485A Datasheet
254Kb / 19P
Very high speed low power RS-485/RS-422 transceiver
28-Mar-2006
ST490A STMICROELECTRONICS-ST490A_06 Datasheet
210Kb / 17P
Low power high speed RS-485/RS-422 transceiver
04-May-2006
ST491A STMICROELECTRONICS-ST491A_07 Datasheet
239Kb / 17P
Low power high speed RS-485/RS-422 transceiver
28-May-2007
ST485B STMICROELECTRONICS-ST485B Datasheet
730Kb / 19P
Low power RS-485/RS-422 transceiver
07-Feb-2008
ST485AB STMICROELECTRONICS-ST485AB_07 Datasheet
717Kb / 19P
Very high speed low power RS-485/RS-422 transceiver
24-Aug-2007
ST490AB STMICROELECTRONICS-ST490AB Datasheet
686Kb / 17P
Low power high speed RS-485/RS-422 transceiver
07-Feb-2008
ST75C176B STMICROELECTRONICS-ST75C176B Datasheet
326Kb / 17P
Low power RS-485/RS-422 transceiver
07-Nov-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com