Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24W08 Datasheet(PDF) 13 Page - STMicroelectronics

Part # 24W08
Description  8 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

24W08 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button 24W08 Datasheet HTML 8Page - STMicroelectronics 24W08 Datasheet HTML 9Page - STMicroelectronics 24W08 Datasheet HTML 10Page - STMicroelectronics 24W08 Datasheet HTML 11Page - STMicroelectronics 24W08 Datasheet HTML 12Page - STMicroelectronics 24W08 Datasheet HTML 13Page - STMicroelectronics 24W08 Datasheet HTML 14Page - STMicroelectronics 24W08 Datasheet HTML 15Page - STMicroelectronics 24W08 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ORDERING INFORMATION SCHEME
Notes: 1. Temperature range on special request only.
Devices are shipped from the factory with the memory content set at all "1’s" (FFh).
For a list of available options (Operating Voltage, Package, etc...) or for further information on any aspect
of this device, please contact the STMicroelectronics Sales Office nearest to you. to you.
Operating Voltage
ST24C08
3V to 5.5V
ST24W08
3V to 5.5V
ST25C08
2.5V to 5.5V
ST25W08
2.5V to 5.5V
Range
Standard
Hardware Write Control
Standard
Hardware Write Control
Package
B
PSDIP8
0.25mm Frame
M
SO8 150mil Width
Temperature Range
1
0 to 70
°C
5
(1)
–20 to 85
°C
6
–40 to 85
°C
3
–40 to 125
°C
Option
TR
Tape & Reel
Packing
Example:
ST24C08
M
1
TR
13/16
ST24/25C08, ST24/25W08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com