Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24W08 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 24W08
Description  8 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

24W08 Datasheet(HTML) 1 Page - STMicroelectronics

  24W08 Datasheet HTML 1Page - STMicroelectronics 24W08 Datasheet HTML 2Page - STMicroelectronics 24W08 Datasheet HTML 3Page - STMicroelectronics 24W08 Datasheet HTML 4Page - STMicroelectronics 24W08 Datasheet HTML 5Page - STMicroelectronics 24W08 Datasheet HTML 6Page - STMicroelectronics 24W08 Datasheet HTML 7Page - STMicroelectronics 24W08 Datasheet HTML 8Page - STMicroelectronics 24W08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
ST24C08, ST25C08
ST24W08, ST25W08
8 Kbit Serial I
2C Bus EEPROM
with User-Defined Block Write Protection
February 1999
1/16
AI00860E
E
SDA
VCC
ST24x08
ST25x08
MODE/WC*
SCL
VSS
PRE
Figure 1. Logic Diagram
1 MILLION ERASE/WRITE CYCLES with
40 YEARS DATA RETENTION
SINGLE SUPPLY VOLTAGE:
– 3V to 5.5V for ST24x08 versions
– 2.5V to 5.5V for ST25x08 versions
HARDWARE WRITE CONTROL VERSIONS:
ST24W08 and ST25W08
PROGRAMMABLE WRITE PROTECTION
TWO WIRE SERIAL INTERFACE, FULLY I2C
BUS COMPATIBLE
BYTE and MULTIBYTE WRITE (up to 8
BYTES)
PAGE WRITE (up to 16 BYTES)
BYTE, RANDOM and SEQUENTIAL READ
MODES
SELF TIMED PROGRAMMING CYCLE
AUTOMATIC ADDRESS INCREMENTING
ENHANCED ESD/LATCH UP
PERFORMANCES
DESCRIPTION
This specification covers a range of 8 Kbits I2C bus
EEPROM products, the ST24/25C08 and the
ST24/25W08. In the text, products are referred to
as ST24/25x08, where "x" is: "C" for Standard
version and "W" for Hardware Write Control ver-
sion.
PRE
Write Protect Enable
E
Chip Enable Input
SDA
Serial Data Address Input/Output
SCL
Serial Clock
MODE
Multibyte/Page Write Mode
(C version)
WC
Write Control (W version)
VCC
Supply Voltage
VSS
Ground
Table 1. Signal Names
8
1
SO8 (M)
150mil Width
8
1
PSDIP8 (B)
0.25mm Frame
Note: WC signal is only available for ST24/25W08 products.


Similar Part No. - 24W08

ManufacturerPart #DatasheetDescription
logo
ITT Industries
24W7S ITT-24W7S Datasheet
35Kb / 1P
Datasheet for part number DDM24W7S
logo
Catalyst Semiconductor
24WC02 CATALYST-24WC02 Datasheet
45Kb / 9P
1K/2K/4K/8K/16K-Bit Serial E2PROM
24WC128 CATALYST-24WC128 Datasheet
43Kb / 8P
128K-Bit I2C Serial CMOS E2PROM
24WC16 CATALYST-24WC16 Datasheet
45Kb / 9P
1K/2K/4K/8K/16K-Bit Serial E2PROM
logo
Bi technologies
24WR10KLFTR BITECH-24WR10KLFTR Datasheet
63Kb / 3P
4mm Diameter Single Turn Cermet Trimming Potentiometer
More results

Similar Description - 24W08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24164 STMICROELECTRONICS-M24164 Datasheet
135Kb / 21P
16 Kbit Serial I2C BUS EEPROM
23-Oct-2001
M34S32 STMICROELECTRONICS-M34S32 Datasheet
156Kb / 18P
32K Serial I2C Bus EEPROM With User-Defined Read-Only Block and 32-Byte OTP Page
Jun-1998
ST24C04 STMICROELECTRONICS-ST24C04 Datasheet
125Kb / 16P
4 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection
Feb-1999
ST24C16 STMICROELECTRONICS-ST24C16 Datasheet
126Kb / 17P
16 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection
Feb-1999
M24128-DFDW6TP STMICROELECTRONICS-M24128-DFDW6TP Datasheet
1Mb / 40P
128-Kbit serial I2C bus EEPROM
04-Apr-2013
M24C64-FMC6TG STMICROELECTRONICS-M24C64-FMC6TG Datasheet
465Kb / 42P
64-Kbit serial I2C bus EEPROM
28-Aug-2012
M93S46-W STMICROELECTRONICS-M93S46-W Datasheet
556Kb / 32P
4 Kbit, 2 Kbit and 1 Kbit serial MICROWIRE bus EEPROM with write protection
January 2015 Rev 7
logo
ACE Technology Co., LTD...
ACE34AC04 ACE-ACE34AC04 Datasheet
824Kb / 22P
4K I2C Serial EEPROM with Software Write Protection
VER 1.1
logo
Microchip Technology
34AA02 MICROCHIP-34AA02_V01 Datasheet
499Kb / 40P
2-Kbit I2C Serial EEPROM Software Write-Protect
Revision G 04/2022
logo
STMicroelectronics
M24C16-W STMICROELECTRONICS-M24C16-W Datasheet
654Kb / 40P
16-Kbit serial I2C bus EEPROM
12-Oct-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com