Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52F510FMB6 Datasheet(PDF) 79 Page - STMicroelectronics

Part # ST52F510FMB6
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52F510FMB6 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button ST52F510FMB6 Datasheet HTML 75Page - STMicroelectronics ST52F510FMB6 Datasheet HTML 76Page - STMicroelectronics ST52F510FMB6 Datasheet HTML 77Page - STMicroelectronics ST52F510FMB6 Datasheet HTML 78Page - STMicroelectronics ST52F510FMB6 Datasheet HTML 79Page - STMicroelectronics ST52F510FMB6 Datasheet HTML 80Page - STMicroelectronics ST52F510FMB6 Datasheet HTML 81Page - STMicroelectronics ST52F510FMB6 Datasheet HTML 82Page - STMicroelectronics ST52F510FMB6 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 106 page
background image
ST52F510/F513/F514
79/106
PWM/Timer 1 Capture Low Input Register
(PWM1_CAPTURE_L)
Input Register 30 (01Eh) Read only
Reset Value: 0000 0000 (00h)
Bit 7-0: T1CP7-0 PWM/Timer 1 Capture LSB
In this register the counter value after the last stop
can be read.
12.6.3 PWM/Timer 1 Output Registers.
PWM/Timer 1 Counter High Output Register
(PWM1_COUNT_OUT_H)
Output Register 11 (0Bh) Write only
Reset Value: 0000 0000 (00h)
Bit 7-0: T1CO15-8 PWM/Timer 1 Counter MSB
This register is used to write the Timer 1 Counter
value (MSB).
Note: this register is latched after writing the LSB
part (PWM1_COUNT_OUT_L: see below). For this
reason, this register must be written before the
LSB.
PWM/Timer 1 Counter Low Output Register
(PWM1_COUNT_OUT_L)
Output Register 12 (0Ch) Write only
Reset Value: 0000 0000 (00h)
Bit 7-0: T1CO7-0 PWM/Timer 0 Counter MSB
This register is used to write the Timer 1 Counter
value (LSB).
Note:
by
writing
this
register,
the
PWM1_COUNT_OUT_x couple is latched in the
internal registers of the peripherals. For this reason
this register should be written after the MSB one.
PWM/Timer 1 Reload High Output Register
(PWM1_RELOAD_H)
Output Register 13 (0Dh) Write only
Reset Value: 1111 1111 (0FFh)
Bit 7-0: T1REL15-8 PWM/Timer 0 Reload MSB
This register is used to write the Timer 1 Reload
value (MSB).
Note: this register is latched after writing the LSB
part (PWM1_RELOAD_L: see below). For this
reason, this register must be written before the
LSB.
PWM/Timer 1 Reload Low Output Register
(PWM0_RELOAD_L)
Output Register 14 (0Eh) Write only
Reset Value: 1111 1111 (0FFh)
Bit 7-0: T1REL7-0 PWM/Timer 1 Reload LSB
This register is used to write the Timer 1 Reload
value (LSB).
Note:
by
writing
this
register,
the
PWM1_RELOAD_x couple is latched in the
internal registers of the peripherals. For this
reason, this register should be written after the
MSB one.
70
T1CP7
T1CP6
T1CP5
T1CP4
T1CP3
T1CP2
T1CP1
T1CP0
70
T1CO15 T1CO14 T1CO13 T1CO12 T1CO11 T1CO10
T1CO9
T1CO8
70
T1CO7
T1CO6
T1CO5
T1CO4
T1CO3
T1CO2
T1CO1
T1CO0
70
T1REL15 T1REL14 T1REL13 T1REL12 T1REL11 T1REL10 T1REL9 T1REL8
70
T1REL7 T1REL6 T1REL5 T1REL4 T1REL3 T1REL2 T1REL1 T01REL0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com