Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52F510FMB6 Datasheet(PDF) 36 Page - STMicroelectronics

Part # ST52F510FMB6
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52F510FMB6 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button ST52F510FMB6 Datasheet HTML 32Page - STMicroelectronics ST52F510FMB6 Datasheet HTML 33Page - STMicroelectronics ST52F510FMB6 Datasheet HTML 34Page - STMicroelectronics ST52F510FMB6 Datasheet HTML 35Page - STMicroelectronics ST52F510FMB6 Datasheet HTML 36Page - STMicroelectronics ST52F510FMB6 Datasheet HTML 37Page - STMicroelectronics ST52F510FMB6 Datasheet HTML 38Page - STMicroelectronics ST52F510FMB6 Datasheet HTML 39Page - STMicroelectronics ST52F510FMB6 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 106 page
background image
ST52F510/F513/F514
36/106
4.3.2 Random data reading. To read a specified
memory location, the following procedure should
be used:
1.
The Programming mode is entered with the
sequence described in Section 4.2.1
2.
The
SetPage command is sent, followed to
the page number where the data to be read is
located
3.
The
ByteRead command is sent, followed by
an address inside the page
4.
The Master generates a Stop condition fol-
lowed by a Start condition
5.
The Slave Address with the R/W byte set to 1
(10100001) is sent. The device receives the
Slave Address and acknowledges it.
6.
The device sends the data to be read in the
serial data line SDA.
7.
The Master device doesn’t send the acknowl-
edge and generates a stop condition.
8.
To send the next command, the Master
should generate a Start condition followed by
the Slave Address with the R/W byte set to 0
(10100000).
Figure 4.4 Device Lock Procedure
4.4 Memory Lock
The Program/Data Memory space can be locked to
inhibit the reading of contents and protect the
intellectual property.
To lock the device, the user must set all the bit of
the Lock Byte to ‘1’. The Lock Byte is located on
Page 48 (030h), Block 3, byte 0 inside the block i.e.
byte 96 (060h) inside the page.
After writing 255 (0FFh) into the Lock Byte, with the
procedure described in the Section 4.2.3, the
memory is locked and the only command allowed
are the following:
–
GlobalErase: this command, writing ‘0’ in all the
memory, also unlock the device.
–
ReadData: the only block that can be read is the
Block 3 in Page 48 (030h); this allows the read-
ing of the Lock Byte and the ID Code locations
(see Section 4.5).
–
ReadStatus: this command allows the detection
of an error condition in Programming mode op-
eration (see Section 4.6). It can also be used to
check if the device is locked. The most significa-
tive bit return the Lock Bit (0=unlocked,
1=locked).
Remark: the Lock Byte is checked when entering
the Programming Mode. For this reason after
writing the Lock Byte, all the commands can be
carried out until the Programming mode is exited.
Device Lock Procedure
Device Lock and ID Code Writing Procedure
Device Lock Reading Procedure
(*) The most significative bit return the Lock Bit (0=unlocked, 1=locked)
S=Start, P=Stop, A=Acknowledge, NA=Non-acknowledge
From Slave to Master
From Master to Slave
.....
SetPage
A
00110000
A
ByteWrite
A
01100000
A
11111111
A
Command
.....
.....
SetPage
A
00110000
A
IncBlock
A
IncBlock
A
IncBlock
A
BlockWrite
A
.....
.....
11111111
A
ID Code 1
A
ID Code 2
A
.....
ID Code 31
A
Command
.....
.....
ReadStatus
A
P
S 10100001
A
Status Byte (*) NA
P
S 10100000
A
Command .....



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com