Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6384ED Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6384ED
Description  High-voltage half bridge driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6384ED Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6384ED Datasheet HTML 6Page - STMicroelectronics L6384ED Datasheet HTML 7Page - STMicroelectronics L6384ED Datasheet HTML 8Page - STMicroelectronics L6384ED Datasheet HTML 9Page - STMicroelectronics L6384ED Datasheet HTML 10Page - STMicroelectronics L6384ED Datasheet HTML 11Page - STMicroelectronics L6384ED Datasheet HTML 12Page - STMicroelectronics L6384ED Datasheet HTML 13Page - STMicroelectronics L6384ED Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Typical characteristic
L6384E
10/17
5
Typical characteristic
Figure 5.
Typical rise and fall times vs
load capacitance
Figure 6.
Quiescent current vs supply
voltage
Figure 7.
Dead time vs resistance
Figure 8.
Driver propagation delay vs
temperature
Figure 9.
Dead time vs temperature
Figure 10.
Shutdown threshold vs
temperature
For both high and low side buffers @25˚C Tamb
0
1
2
3
4
5
C (nF)
0
50
100
150
200
250
time
(nsec)
Tr
D99IN1015
Tf
0246
8
10
12
14
VS(V)
10
102
103
104
Iq
(
µA)
D99IN1016
50
100
150
200
250
300
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Rdt (k
Ω)
Typ.
@ Vcc = 14.4V
-45
-25
0
25
50
75
100
125
0
100
200
300
400
@ Rdt = 47kOhm
@ Rdt = 146kOhm
@ Rdt = 270kOhm
Tj (°C)
Typ.
Typ.
Typ.
@ Vcc = 14.4V
-45
-25
0
25
50
75
100
125
Tj (°C)
0
0.5
1
1.5
2
2.5
3
R=47K
R=146K
R=270K
Typ.
Typ.
Typ.
@ Vcc = 14.4V
-45
-25
0
25
50
75
100
125
0
0.2
0.4
0.6
0.8
1
Tj (°C)
Typ.
@ Vcc = 14.4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com