Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6384ED Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6384ED
Description  High-voltage half bridge driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6384ED Datasheet(HTML) 4 Page - STMicroelectronics

  L6384ED Datasheet HTML 1Page - STMicroelectronics L6384ED Datasheet HTML 2Page - STMicroelectronics L6384ED Datasheet HTML 3Page - STMicroelectronics L6384ED Datasheet HTML 4Page - STMicroelectronics L6384ED Datasheet HTML 5Page - STMicroelectronics L6384ED Datasheet HTML 6Page - STMicroelectronics L6384ED Datasheet HTML 7Page - STMicroelectronics L6384ED Datasheet HTML 8Page - STMicroelectronics L6384ED Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Electrical data
L6384E
4/17
1.3
Recommended operating conditions
Table 3.
Recommended operating conditions
Symbol
Pin
Parameter
Test condition
Min
Typ
Max
Unit
Vout
6
Output Voltage
(1)
1.
If the condition Vboot - Vout < 18V is guaranteed, Vout can range from -3 to 580V.
580
V
VBS
(2)
2.
VBS = Vboot - Vout
8
Floating Supply Voltage
(1)
17
V
fsw
Switching Frequency
HVG,LVG load CL = 1nF
400
kHz
Vcc
2
Supply Voltage
Vclamp
V
T
j
Junction Temperature
-45
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com