Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9805E Datasheet(PDF) 22 Page - STMicroelectronics

Part # L9805E
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9805E Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L9805E Datasheet HTML 18Page - STMicroelectronics L9805E Datasheet HTML 19Page - STMicroelectronics L9805E Datasheet HTML 20Page - STMicroelectronics L9805E Datasheet HTML 21Page - STMicroelectronics L9805E Datasheet HTML 22Page - STMicroelectronics L9805E Datasheet HTML 23Page - STMicroelectronics L9805E Datasheet HTML 24Page - STMicroelectronics L9805E Datasheet HTML 25Page - STMicroelectronics L9805E Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 127 page
background image
Clocks, Reset, Interrupts & Power saving modes
L9805E
22/127
This flag is useful for distinguishing Safeguard Reset, Power On / Low Voltage Reset and
Watchdog Reset.
b7 = SGFL: Safeguard low flag. Set by an Oscillator Safeguard Reset generated for
frequency too low, cleared by software (writing zero) or Power On / Low Voltage Reset. This
flag is useful for distinguishing Safeguard Reset, Power On / Low Voltage Reset and
Watchdog Reset.
b5 = SFGEN: Safeguard enable when set. It’s cleared only by hardware after a reset.
b4 = CANDS: CAN Transceiver disable. When this bit is set the CAN transceiver goes in
Power Down Mode and does not work until this bit is reset. CANDS is 0 after reset so the
standard condition is with the transceiver enabled. This bit can be used by application
requiring low power consumption (see Section 5.8 for details).
b3,b2,b1 = not used
b0 = PIEN: PWMI input enable. When set, the PWMI input line is connected to Input
Capture 2 of Timer 2. Otherwise, ICAP2_2 is the alternate function of PA7. See Figure 34 for
the explanation of this function.
3.3
Watchdog system (WDG)
3.3.1
Introduction
The Watchdog is used to detect the occurrence of a software fault, usually generated by
external interference or by unforeseen logical conditions, which causes the application
program to give up its normal sequence. The Watchdog circuit generates an MCU reset on
expiry of a programmed time period, unless the program refreshes the counter’s contents
before it is decremented to zero.
3.3.2
Main Features
–
Programmable Timer (64 increments of 12,288 CPU clock)
–
Programmable Reset
–
reset (if watchdog activated) after an HALT instruction or when bit timer MSB
reaches zero
–
Watchdog Reset indicated by status flag.
3.3.3
Functional Description
The counter value stored in the CR register (bits T6:T0), is decremented every 12,288
machine cycles, and the length of the timeout period can be programmed by the user in 64
increments.
If the watchdog is activated (the WDGA bit is set) and when the 7-bit timer (bits T6:T0) rolls
over from 40h to 3Fh (T6 becomes cleared), it initiates a reset cycle pulling low the reset pin
for typically 500ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com